データシートサーチシステム |
|
KTA1024 データシート(PDF) 1 Page - KEC(Korea Electronics) |
|
KTA1024 データシート(HTML) 1 Page - KEC(Korea Electronics) |
1 / 3 page 2007. 3. 28 1/3 SEMICONDUCTOR TECHNICAL DATA KTA1024 EPITAXIAL PLANAR PNP TRANSISTOR Revision No : 2 DIM MILLIMETERS A B D E G H K L 1. EMITTER 2. COLLECTOR 3. BASE P TO-92L 7.20 MAX 5.20 MAX 2.50 MAX 0.60 MAX 1.27 1.70 MAX 0.55 MAX 14.00 0.50 0.35 MIN 0.75 0.10 4 F J M O Q 25 1.25 Φ1.50 0.10 MAX DEPTH:0.2 123 B C Q K FF M M N N H L D C N P HH E H S 12.50 0.50 R 1.00 S 1.15 MAX + _ + _ + _ HIGH VOLTAGE APPLICATION. FEATURES High Voltage : VCEO=-150V. Low Output Capacitance : Cob=5.0pF(Max.). High Transition Frequency : fT=120MHz (Typ.). Complementary to KTC3206. MAXIMUM RATING (Ta=25 ) ELECTRICAL CHARACTERISTICS (Ta=25°… ) Note : hFE Classification O:70 140, Y:120 240 CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Collector Cut-off Current ICBO VCB=-150V, IE=0 - - -0.1 A Emitter Cut-off Current IEBO VEB=-5V, IC=0 - - -0.1 A DC Current Gain hFE(Note) VCE=-5V, IC=-10mA 70 - 240 Collector-Emitter Saturation Voltage VCE(sat) IC=-10mA, IB=-1mA - - -0.8 V Base-Emitter Voltage VBE VCE=-5V, IC=-30mA - - -0.9 V Transition Frequency fT VCE=-30V, IC=-10mA - 120 - MHz Collector Output Capacitance Cob VCB=-10V, IE=0, f=1MHz - 4.0 5.0 pF CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage VCBO -150 V Collector-Emitter Voltage VCEO -150 V Emitter-Base Voltage VEBO -5 V Collector Current IC -50 mA Emitter Current IE 50 mA Base Current IB -5 mA Collector Power Dissipation PC 1 W Junction Temperature Tj 150 Storage Temperature Range Tstg -55 150 |
同様の部品番号 - KTA1024 |
|
同様の説明 - KTA1024 |