データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDV-185 データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 LDV-185
部品情報  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185 データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LDV-185 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC1minute
I/P-O/P:100MOhms/500VDC/25
/70%RH
IP67
54~63V
41~50V
47~50V
47~50V
54~63V
41~50V
159.6W
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
3. Please do not beyond rated power when choosing channel quantity.
4. Efficiency is measured under 230VAC input with Pout>120W and each output channel connecting with the same quantity of LEDs(similar Vf sum).
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
SPECIFICATION
LDV-185-350A
SETUP,RISETIME
Note2.
HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
Note4.
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
OVERVOLTAGE
OVERTEMPERATURE
2500ms,50ms
10ms/230VAC
180~305VAC
47~63Hz
PF>0.95/230VACPF 0.9at75~100%load
COLDSTART 60A/230VAC
<0.75mA /240VAC
IP67approved;DesignrefertoEN61347-1,EN61347-2-13,UL8750
Complianceto
( 75%load);EN61000-3-3
EN61000-3-2ClassC
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
-30~+70
Refertooutputloadderatingcurve),
(
-40
canpoweron
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
Khrsmin.MIL-HDBK-217F(25
)
222.2*90*38.8mm(L*W*H)
Features :
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
SHORTCIRCUIT
CompliancetoEN55015ClassB
OUTPUT
RATEDPOWER(max.) Note3.
NOTE
PACKING
1.27Kg;12pcs/16.2Kg/1.02CUFT
42~51V
182W
32~38V
37~43V
159.6W
88.5%
1.5A/230VAC
180.6W
L D V- 1 8 5 series
185WMultipleChannelOutputSwitchingPowerSupply
MAXCHANNEL
Note3
37~43V
42~51V
32~38V
6CH
182W
MODEL
180~305VAC input range
Multiple channel with constant current output
Meet 4KV surge immunity level(EN61000-4-5)
Protections: Short circuit / Overload / Over voltage / Over temperature
Built-in active PFC function
Cooling by free air convection
IP67 design for indoor or outdoor installations
Optional timer dimming function
High efficiency up to 88.5%
-40
can power on
Suitable for LED lighting and moving sign applications
3 years warranty
DCVOLTAGERANGE
350mA
180.6W
FileName:LDV-185-SPEC2011-03-18
CONSTANTCURRENT ACCURACY
5%
SINGELECHANNEL
RATEDCURRENT
12CH
Channelshutdownwheneachchannelfault, re-powerontorecovery
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
LDV-185-350B
LDV-185-350C
LDV-185-700A
LDV-185-700B
LDV-185-700C
6CH
6CH
12CH
12CH
700mA
700mA
700mA
350mA
350mA
OTP DIMMING
WhentheNTC(RTH3)temperatureishigherthan95
PSUwillenterdimmingmodewithdecreasingoutputIo
LDV-185-350A
Blank : IP67 rated. No timer dimming function.
D: IP67 rated. Built in timer dimming function,contact MEAN WELL for details.


同様の部品番号 - LDV-185

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
LDV-185 MEANWELL-LDV-185 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350A MEANWELL-LDV-185-350A Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350A MEANWELL-LDV-185-350A Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

同様の説明 - LDV-185

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com