データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS-200 データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 TS-200
部品情報  200W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-200 データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-200_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-200_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
TS-200-112
TS-200-124
TS-200-148
TS-200-212
TS-200-224
TS-200-248
10A
0.63A
21~30VDC
87.5%
5A
0.32A
42~60VDC
88%
10A
0.63A
21~30VDC
87.5%
5A
0.62A
42~60VDC
88%
MODEL
MAXIMUMOUTPUTPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
(Typ.)
VOLTAGERANGE (Typ.)
EFFICIENCY (Typ.)
Note.1
DCCURRENT(Typ.)
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
GFCIPROCTECTION
PROTECTION
PROTECTION
Truesinewave(THD<3%)atratedinputvoltage
20A
1.25A
10.5~15VDC
86%
30A*2
30A*1
15A*1
15A*1
30A*1
3.0%atratedinputvoltage
10.5~15VDC
86%
20A
1.25A
30A*2
85
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH1detectpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Byinternalfuseopen
Optional(OnlytypeF)
None
-10~+40
@100%load,+60
@50%load
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoFCCclass A
None
WORKINGTEMP.
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
-10~+35
@100%load;+60
@50%load
Open:Normalwork;Short:Remoteoff
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
Designreferto UL458
None
CompliancetoEN61000-4-2,3,8ENV50204
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Front panel indicator for operation status
Power ON-OFF switch
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input reverse polarity / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
3 years warranty
High surge power up to 400W
High efficiency up to 88%
Fanless design, cooling by free air convention
Built-in remote ON-OFF control
RATEDPOWER
200W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
Bat.I/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
Bat.I/P-ACO/P, ACO/P-FG:100MOhms/500VDC/25
/70%RH
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
1.63Kg;6pcs/10.8Kg/1.44CUFT
MTBF
DIMENSION
106.2Khrsmin.MIL-HDBK-217F(25 C)
o
205*158*59mm(L*W*H)
NOTE
1.Efficiency is tested by 200W, linear load at 12V/24V/48V input voltage.
2.All parameters not specified above are measured at rated load, 25
of ambient temperature.
230Wfor180sec./300Wfor10sec. /surgepower400Wfor30cycles(typ.)
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
21 4%
11.3 4%
10.5 4%
T S - 2 0 0 series
FileName:TS-200-SPEC2010-11-01
50 0.1Hz50/60Hzselectablebysettingbutton
60 0.1Hz50/60Hzselectablebysettingbutton
FRONTPANEL INDICATOR
Operationstatus;Green:normal,Orange(flashing):remotecontrolOFF,Red:abnormal
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADCURRENTDRAW
(Typ.)
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
200W TrueSineWaveDC-ACPowerInverter
LVD
None
EN60950-1
80
5
80
5
80
5
80
5
85
5
ACVOLTAGE
100/110/115/120VACselectableby settingbuttonS.W
Factorysettingsetat110VAC
200/220/230/240VACselectablebysettingbuttonS.W
Factorysettingsetat230VAC
E13
FUNCTION


同様の部品番号 - TS-200_10

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
TS-200-112 MEANWELL-TS-200-112 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-112 MEANWELL-TS-200-112 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-112A MEANWELL-TS-200-112A Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
TS-200-124 MEANWELL-TS-200-124 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-124 MEANWELL-TS-200-124 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
More results

同様の説明 - TS-200_10

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200_12 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-112 MEANWELL-TS-200-112 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000_11 Datasheet
580Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
TS-400-112 MEANWELL-TS-400-112 Datasheet
366Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-700 MEANWELL-TS-700 Datasheet
370Kb / 2P
   700W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000 Datasheet
570Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com