データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC546BRL1 データシート(PDF) 2 Page - ON Semiconductor

部品番号 BC546BRL1
部品情報  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC546BRL1 データシート(HTML) 2 Page - ON Semiconductor

  BC546BRL1 Datasheet HTML 1Page - ON Semiconductor BC546BRL1 Datasheet HTML 2Page - ON Semiconductor BC546BRL1 Datasheet HTML 3Page - ON Semiconductor BC546BRL1 Datasheet HTML 4Page - ON Semiconductor BC546BRL1 Datasheet HTML 5Page - ON Semiconductor BC546BRL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC546B, BC547A, B, C, BC548B, C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 1.0 mA, IB = 0)
BC546
BC547
BC548
V(BR)CEO
65
45
30
V
Collector − Base Breakdown Voltage
(IC = 100 mAdc)
BC546
BC547
BC548
V(BR)CBO
80
50
30
V
Emitter − Base Breakdown Voltage
(IE = 10 mA, IC = 0)
BC546
BC547
BC548
V(BR)EBO
6.0
6.0
6.0
V
Collector Cutoff Current
(VCE = 70 V, VBE = 0)
BC546
(VCE = 50 V, VBE = 0)
BC547
(VCE = 35 V, VBE = 0)
BC548
(VCE = 30 V, TA = 125°C)
BC546/547/548
ICES
0.2
0.2
0.2
15
15
15
4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC547A
BC546B/547B/548B
BC548C
(IC = 2.0 mA, VCE = 5.0 V)
BC546
BC547
BC548
BC547A
BC546B/547B/548B
BC547C/BC548C
(IC = 100 mA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
hFE
110
110
110
110
200
420
90
150
270
180
290
520
120
180
300
450
800
800
220
450
800
Collector − Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
(IC = 10 mA, IB = See Note 1)
VCE(sat)
0.09
0.2
0.3
0.25
0.6
0.6
V
Base − Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
VBE(sat)
0.7
V
Base − Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
0.7
0.77
V
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Small − Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC546
BC547/548
BC547A
BC546B/547B/548B
BC547C/548C
hfe
125
125
125
240
450
220
330
600
500
900
260
500
900
Noise Figure (IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW, f = 1.0 kHz, Df = 200 Hz)
BC546
BC547
BC548
NF
2.0
2.0
2.0
10
10
10
dB
1. IB is value for which IC = 11 mA at VCE = 1.0 V.


同様の部品番号 - BC546BRL1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC546BRL1 ONSEMI-BC546BRL1 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
BC546BRL1 ONSEMI-BC546BRL1 Datasheet
68Kb / 6P
   Amplifier Transistors NPN Silicon
September, 2005 ??Rev. 5
BC546BRL1 ONSEMI-BC546BRL1 Datasheet
223Kb / 9P
   Amplifier Transistors NPN Silicon
August, 2021 - Rev. 8
BC546BRL1G ONSEMI-BC546BRL1G Datasheet
68Kb / 6P
   Amplifier Transistors NPN Silicon
September, 2005 ??Rev. 5
BC546BRL1G ONSEMI-BC546BRL1G Datasheet
223Kb / 9P
   Amplifier Transistors NPN Silicon
August, 2021 - Rev. 8
More results

同様の説明 - BC546BRL1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com