データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC04A-200TD データシート(PDF) 1 Page - Semtech Corporation

部品番号 TC04A-200TD
部品情報  Battery Tracking TransClamp For SLIC Linecard Protection?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC04A-200TD データシート(HTML) 1 Page - Semtech Corporation

  TC04A-200TD Datasheet HTML 1Page - Semtech Corporation TC04A-200TD Datasheet HTML 2Page - Semtech Corporation TC04A-200TD Datasheet HTML 3Page - Semtech Corporation TC04A-200TD Datasheet HTML 4Page - Semtech Corporation TC04A-200TD Datasheet HTML 5Page - Semtech Corporation TC04A-200TD Datasheet HTML 6Page - Semtech Corporation TC04A-200TD Datasheet HTML 7Page - Semtech Corporation TC04A-200TD Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY
1
www.semtech.com
PROTECTION PRODUCTS
TC04A-200
Battery Tracking TransClamp™
For SLIC Linecard Protection
Description
Features
Circuit Diagram (Each Line)
Schematic & PIN Configuration
Revision 9/2000
The battery tracking TransClamp series of transient
voltage suppressors (TVS) are designed to protect
subscriber line interface circuit (SLIC) from transient
voltages resulting from lightning strikes and AC power
line disturbances. The TC04A-200 integrates all the
components necessary to protect SLIC ICs from line to
ground for positive and negative transients.
For negative transient events, the TVS thyristor will
crowbar or “fire” when the line voltage exceeds the
gate reference voltage. The gate voltage is referenced
to the battery voltage ( -V
BAT ) plus the VF of the series
rectifier. The device firing voltage range is -5V to
-100V. For positive transients, the surge-rated rectifi-
ers will be forward biased, shunting the current to
ground. An external capacitor is used to aid in gate
triggering during fast rise time transients.
The device may be used to protect any SLIC including
those with integrated ring generators.
These devices are designed to meet industry standard
transient immunity requirements such as Bellcore TR-
NWT-001089, FCC Part 68, ITU K17-K20, and IEC
61000-4-5. The integrated design saves board space
and increases equipment reliability by replacing mul-
tiple discrete components.
Applications
Mechanical Characteristics
u Subscriber Line Interface Circuit (SLIC) Protection
u Central Office Equipment
u ISDN Terminal Adaptors
u Cable Telephony
u Small Office Home Office (SOHO) Applications
u Wireless Local Loop (WLL)
u Fibre In The Loop (FITL)
u Transient protection for telecommunications lines to
Bellcore 1089 (long haul), VDE 0433, ITU K20
IEC 61000-4-5 (Lightning), and FCC Part 68
u High surge current rating (100A, tp = 10/1000µs)
u Protects up to four Tip & Ring line pairs
u Gate firing voltage is referenced to the system
battery voltage
u Wide firing voltage range: -5V to -100V
u High holding current: 200mA
u Replaces multiple discrete components
u Solid-state TVS process technology
u JEDEC SO-16 WB package
u Molding compound flammability rating:
UL 94V-0
u Marking : Part number, date code, logo
u Packaging : Tube or Tape and Reel per EIA 481
SO-16 WB Top View
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
GND
-VBat
Line
Line


同様の部品番号 - TC04A-200TD

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACOA TELCOM-TC04ACOA Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACZM TELCOM-TC04ACZM Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

同様の説明 - TC04A-200TD

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TC03A-200 SEMTECH-TC03A-200 Datasheet
116Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com