データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW3281A データシート(PDF) 1 Page - ON Semiconductor

部品番号 MJW3281A
部品情報  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW3281A データシート(HTML) 1 Page - ON Semiconductor

  MJW3281A Datasheet HTML 1Page - ON Semiconductor MJW3281A Datasheet HTML 2Page - ON Semiconductor MJW3281A Datasheet HTML 3Page - ON Semiconductor MJW3281A Datasheet HTML 4Page - ON Semiconductor MJW3281A Datasheet HTML 5Page - ON Semiconductor MJW3281A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 4
1
Publication Order Number:
MJW3281A/D
MJW3281A (NPN)
MJW1302A (PNP)
Complementary NPN-PNP
Silicon Power Bipolar
Transistors
The MJW3281A and MJW1302A are PowerBase
t power
transistors for high power audio, disk head positioners and other linear
applications.
Features
Designed for 100 W Audio Frequency
Gain Complementary:
Gain Linearity from 100 mA to 7 A
hFE = 45 (Min) @ IC = 8 A
Low Harmonic Distortion
High Safe Operation Area − 1 A/100 V @ 1 Second
High fT − 30 MHz Typical
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
230
Vdc
Collector−Base Voltage
VCBO
230
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
230
Vdc
Collector Current
− Continuous
Collector Current
− Peak (Note 1)
IC
15
25
Adc
Base Current − Continuous
IB
1.5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
200
1.43
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.625
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
40
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle < 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MJW3281A
TO−247
TO−247
CASE 340L
30 Units/Rail
2
1
15 AMPERES
COMPLEMENTARY
SILICON POWER TRANSISTORS
230 VOLTS 200 WATTS
3
MARKING DIAGRAM
MJWxxxxA
AYWWG
xxxx = 3281 or 1302
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
MJW1302A
TO−247
30 Units/Rail
1 BASE
2 COLLECTOR
3 EMITTER
http://onsemi.com
MJW1302AG
TO−247
(Pb−Free)
30 Units/Rail
MJW3281AG
TO−247
(Pb−Free)
30 Units/Rail


同様の部品番号 - MJW3281A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJW3281A ONSEMI-MJW3281A Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
logo
Inchange Semiconductor ...
MJW3281A ISC-MJW3281A Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJW3281AG ONSEMI-MJW3281AG Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
More results

同様の説明 - MJW3281A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com