データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW21194G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MJW21194G
部品情報  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21194G データシート(HTML) 2 Page - ON Semiconductor

  MJW21194G Datasheet HTML 1Page - ON Semiconductor MJW21194G Datasheet HTML 2Page - ON Semiconductor MJW21194G Datasheet HTML 3Page - ON Semiconductor MJW21194G Datasheet HTML 4Page - ON Semiconductor MJW21194G Datasheet HTML 5Page - ON Semiconductor MJW21194G Datasheet HTML 6Page - ON Semiconductor MJW21194G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MJW21193 (PNP) MJW21194 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
VCEO(sus)
250
Vdc
Collector Cutoff Current
(VCE = 200 Vdc, IB = 0)
ICEO
100
μAdc
Emitter Cutoff Current
(VCE = 5 Vdc, IC = 0)
IEBO
100
μAdc
Collector Cutoff Current
(VCE = 250 Vdc, VBE(off) = 1.5 Vdc)
ICEX
100
μAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (non−repetitive)
(VCE = 80 Vdc, t = 1 s (non−repetitive)
IS/b
4.0
2.25
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 8 Adc, VCE = 5 Vdc)
(IC = 16 Adc, IB = 5 Adc)
hFE
20
8
80
Base−Emitter On Voltage
(IC = 8 Adc, VCE = 5 Vdc)
VBE(on)
2.2
Vdc
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4
Vdc
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion at the Output
VRMS = 28.3 V, f = 1 kHz, PLOAD = 100 WRMS
hFE
unmatched
(Matched pair hFE = 50 @ 5 A/5 V)
hFE
matched
THD
0.8
0.08
%
Current Gain Bandwidth Product
(IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
500
pF
IC COLLECTOR CURRENT (AMPS)
Figure 1. Typical Current Gain
Bandwidth Product
Figure 2. Typical Current Gain
Bandwidth Product
PNP MJW21193
NPN MJW21194
IC COLLECTOR CURRENT (AMPS)
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1.0
10
0.1
8.0
7.0
6.0
5.0
4.0
3.0
2.0
0
1.0
10
0.1
1.0
VCE = 10 V
5 V
TJ = 25°C
ftest = 1 MHz
10 V
VCE = 5 V
TJ = 25°C
ftest = 1 MHz


同様の部品番号 - MJW21194G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJW21194G ONSEMI-MJW21194G Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJW21194G ONSEMI-MJW21194G Datasheet
124Kb / 7P
   Silicon Power Transistors
September, 2013 ??Rev. 5
More results

同様の説明 - MJW21194G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com