データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5VR7M データシート(PDF) 4 Page - Tyco Electronics

部品番号 5VR7M
部品情報  Two-stage General Purpose RFI Power Line Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5VR7M データシート(HTML) 4 Page - Tyco Electronics

  5VR7M Datasheet HTML 1Page - Tyco Electronics 5VR7M Datasheet HTML 2Page - Tyco Electronics 5VR7M Datasheet HTML 3Page - Tyco Electronics 5VR7M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
64
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
R Series
Two-stage General Purpose RFI Power Line Filter (continued)
Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system




































Differential Mode / Symmetrical (Line to Line)
































1ER
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
3ER
5ER
2ER, 10ER & 20ER
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
1VR
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
2VR
3VR
5VR
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
10VR
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
20VR
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0


同様の部品番号 - 5VR7M

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5VR7M MACOM-5VR7M Datasheet
347Kb / 2P
   Two-Stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
5VR7M TEC-5VR7M Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
5VR7M TEC-5VR7M Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
More results

同様の説明 - 5VR7M

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
   Two-Stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
Wurth Elektronik GmbH &...
810913010 WURTH-810913010 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
810913014 WURTH-810913014 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
810913006 WURTH-810913006 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.001
810913020 WURTH-810913020 Datasheet
907Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
logo
List of Unclassifed Man...
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
   Two-stage general performance EMI filter
logo
PowerDynamics, Inc
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com