データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22346UFV20Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL22346UFV20Z
部品情報  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346UFV20Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL22346UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 10Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 11Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 12Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 13Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6177.2
September 3, 2009
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (2.6MHz)
FIGURE 13. MIDSCALE GLITCH, CODE 3Fh TO 40h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
50k
10k
VCC = 5.5V
VCC = 2.7V
0
15
30
45
60
75
90
105
16
36
56
76
96
TAP POSITION (DECIMAL)
50k
10k
0
50
100
150
200
250
300
16
36
56
76
96
TAP POSITION (DECIMAL)
50k
10k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 40h)
RTOTAL = 9.5kΩ
SIGNAL AT WIPER
(WIPER UNLOADED)
WIPER MID POINT MOVEMENT
FROM 3Fh TO 40h
SIGNAL AT WIPER
(WIPER UNLOADED MOVEMENT
FROM 7Fh TO 00h)
SCL
ISL22346


同様の部品番号 - ISL22346UFV20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFV20Z RENESAS-ISL22346UFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

同様の説明 - ISL22346UFV20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com