データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22349 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL22349
部品情報  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 データシート(HTML) 2 Page - Intersil Corporation

  ISL22349 Datasheet HTML 1Page - Intersil Corporation ISL22349 Datasheet HTML 2Page - Intersil Corporation ISL22349 Datasheet HTML 3Page - Intersil Corporation ISL22349 Datasheet HTML 4Page - Intersil Corporation ISL22349 Datasheet HTML 5Page - Intersil Corporation ISL22349 Datasheet HTML 6Page - Intersil Corporation ISL22349 Datasheet HTML 7Page - Intersil Corporation ISL22349 Datasheet HTML 8Page - Intersil Corporation ISL22349 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6331.3
May 28, 2009
Block Diagram
I2C
INTERFACE
VCC
GND
RW0
RW1
RW2
RW3
SCL
SDA
A0
A1
A2
WR3
WR2
WR1
WR0
SHDN
VCC
VCC
VCC
VCC
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1
RW3
“Wiper” terminal of DCP3
2
A2
Device address input for the I2C interface
3
SCL
Open drain I2C interface clock input
4
SDA
Open drain serial data I/O for the I2C interface
5
GND
Device ground pin and the RL connection for each DCP
6
RW2
“Wiper” terminal of DCP2
7
RW1
“Wiper” terminal of DCP1
8NC
9
A0
Device address input for the I2C interface
10
A1
Device address input for the I2C interface
11
NC
12
VCC
Power supply pin and the RH connection for each DCP
13
SHDN
Shutdown active low input
14
RW0
“Wiper” terminal of DCP0
ISL22349


同様の部品番号 - ISL22349

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

同様の説明 - ISL22349

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com