データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23315UFRUZ-T7A データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL23315UFRUZ-T7A
部品情報  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315UFRUZ-T7A データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL23315UFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL23315
6
FN7778.1
August 15, 2011
Roffset
(Note 16)
Offset, Wiper at 0 Position
W option; VCC = 2.7V to 5.5V
0
3
5.5
MI
(Note 15)
W option; VCC = 1.7V
6.3
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
0
0.5
2
MI
(Note 15)
U, T option; VCC = 1.7V
1.1
MI
(Note 15)
TCR
(Note 19)
Resistance Temperature Coefficient
W option; Wiper register set between
32 hex and FF hex
220
ppm/°C
U option; Wiper register set between 32
hex and FF hex
100
ppm/°C
T option; Wiper register set between 32
hex and FF hex
75
ppm/°C
Analog Specifications
VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCL = 400 kHz (for I2C active read and
write)
200
µA
VLOGIC = 1.2V, VCC = 1.7V,
fSCL = 400 kHz (for I2C active read and
write)
5
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
18
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.4
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1
µA
ILOGIC
SHDN
VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.4
µA
ICC SHDN VCC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1
µA


同様の部品番号 - ISL23315UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315UFRUZ-T7A RENESAS-ISL23315UFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23315UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com