データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23511 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL23511
部品情報  Single Push Button Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511 データシート(HTML) 2 Page - Intersil Corporation

  ISL23511 Datasheet HTML 1Page - Intersil Corporation ISL23511 Datasheet HTML 2Page - Intersil Corporation ISL23511 Datasheet HTML 3Page - Intersil Corporation ISL23511 Datasheet HTML 4Page - Intersil Corporation ISL23511 Datasheet HTML 5Page - Intersil Corporation ISL23511 Datasheet HTML 6Page - Intersil Corporation ISL23511 Datasheet HTML 7Page - Intersil Corporation ISL23511 Datasheet HTML 8Page - Intersil Corporation ISL23511 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6588.1
January 21, 2008
Block Diagrams
Pinouts
ISL23511
(8 LD SOIC)
TOP VIEW
ISL23511
(10 LD µTQFN)
TOP VIEW
VCC
NC
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
9
8
7
6
1
2
3
4
NC
VSS
NC
RL
VCC
PU
RH
PD
O
RW
NC
Pin Descriptions
SOIC
PIN
µTQFN
PIN
SYMBOL
BRIEF DESCRIPTION
11
PU
The PU is a negative-edge triggered input with internal pull-up. Toggling PU will move the wiper close to RH
terminal.
22
PD
The PD is a negative-edge triggered input with internal pull-up. Toggling PD will move the wiper close to RL
terminal.
33
RH
The RH and RL pins of the ISL23511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
44
VSS
Ground
56
RW
The RW pin is the wiper terminal of the potentiometer, which is equivalent to the movable terminal of a mechanical
potentiometer.
67
RL
The RH and RL pins of the ISL23511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
7
5, 8, 10
NC
No connection
89
VCC
Supply Voltage
5-BIT
UP/DOWN
COUNTER
ONE
OF
DECODER
RESISTOR
ARRAY
RH
PU
PD
TRANSFER
GATES
THIRTY
RL
VCC (SUPPLY VOLTAGE)
GENERAL
DETAILED
0
1
2
28
29
30
31
TWO
RW
CONTROL
BLOCK
PU
PD
VSS (GROUND)
RH
RL
RW
ISL23511


同様の部品番号 - ISL23511

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 INTERSIL-ISL23511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL23511UFB8Z INTERSIL-ISL23511UFB8Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511UFRU10Z INTERSIL-ISL23511UFRU10Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

同様の説明 - ISL23511

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com