データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28136FBZ-T7 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28136FBZ-T7
部品情報  5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FBZ-T7 データシート(HTML) 1 Page - Intersil Corporation

  ISL28136FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FN6153.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright © Intersil Americas Inc. 2007-2009, 2011. All Rights Reserved.
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
ISL28136
5MHz, Single Precision Rail-to-Rail
Input-Output (RRIO) Op Amp
The ISL28136 is a low-power single operational amplifier
optimized for single supply operation from 2.4V to 5.5V,
allowing operation from one lithium cell or two Ni-Cd batteries.
This device features a gain-bandwidth product of 5MHz and is
unity-gain stable with a -3dB bandwidth of 13MHz.
This device features an Input Range Enhancement Circuit
(IREC), which enables it to maintain CMRR performance for
input voltages greater than the positive supply. The input
signal is capable of swinging 0.25V above the positive
supply and to the negative supply with only a slight
degradation of the CMRR performance. The output
operation is rail-to-rail.
The part typically draws less than 1mA supply current while
meeting excellent DC accuracy, AC performance, noise and
output drive specifications. Operation is guaranteed over
-40°C to +125°C temperature range.
Features
• 5MHz Gain bandwidth product @ AV = 100
• 13MHz -3dB unity gain bandwidth
• 900µA typical supply current
• 150µV maximum offset voltage (8 Ld SOIC)
• 5nA typical input bias current
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• Enable pin
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Pinouts
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28136FHZ-T7
(Note 1)
GABP
6 Ld SOT-23
P6.064A
ISL28136FHZ-T7A
(Note 1)
GABP
6 Ld SOT-23
P6.064A
ISL28136FBZ
28136 FBZ
8 Ld SOIC
M8.15E
ISL28136FBZ-T7
(Note 1)
28136 FBZ
8 Ld SOIC
M8.15E
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet
or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL28136. For more information on MSL
please see techbrief TB363.
ISL28136
(6 LD SOT-23)
TOP VIEW
ISL28136
(8 LD SOIC)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC
Data Sheet
April 5, 2011


同様の部品番号 - ISL28136FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136FBZ-T7 INTERSIL-ISL28136FBZ-T7 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
logo
Renesas Technology Corp
ISL28136FBZ-T7 RENESAS-ISL28136FBZ-T7 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
More results

同様の説明 - ISL28136FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com