データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28288 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28288
部品情報  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28288 Datasheet HTML 3Page - Intersil Corporation ISL28288 Datasheet HTML 4Page - Intersil Corporation ISL28288 Datasheet HTML 5Page - Intersil Corporation ISL28288 Datasheet HTML 6Page - Intersil Corporation ISL28288 Datasheet HTML 7Page - Intersil Corporation ISL28288 Datasheet HTML 8Page - Intersil Corporation ISL28288 Datasheet HTML 9Page - Intersil Corporation ISL28288 Datasheet HTML 10Page - Intersil Corporation ISL28288 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL28288, ISL28488
7
FN6339.4
July 26, 2011
FIGURE 14. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 15. ENABLE TO OUTPUT DELAY TIME
FIGURE 16. INPUT OFFSET VOLTAGE vs COMMON MODE INPUT
VOLTAGE
FIGURE 17. INPUT BIAS CURRENT vs COMMON-MODE INPUT
VOLTAGE
FIGURE 18. ISL28488 SUPPLY CURRENT FOR ALL CHANNELS vs
TEMPERATURE V+, V- = ±2.5V ENABLED, RL = INF
FIGURE 19. ISL28288 SUPPLY CURRENT vs TEMPERATURE
V+, V- = ±2.5V DISABLED, RL = INF
Typical Performance Curves V
+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80 100 120 140 160 180 200
TIME (µs)
V+ = 5V
AV = -2
RL = 1kΩ
VOUT = 4VP-P
10µs/DIV
0
0
VOUT
EN
INPUT
AV = -1
VIN = 200mVP-P
V+ = 5V
V- = 0V
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-1
012
3
456
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
RF = 100k, RG = 100
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
01
2345
6
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
RF= 100k, RG = 100
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
170
190
210
230
250
270
290
310
330
350
MIN
MAX
N = 1000
MEDIAN
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN


同様の部品番号 - ISL28288

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISL28288

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com