データシートサーチシステム |
|
BA2903FVM データシート(PDF) 10 Page - Rohm |
|
BA2903FVM データシート(HTML) 10 Page - Rohm |
10 / 25 page Technical Note 10/24 BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV, BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. 0 200 400 600 800 1000 0 255075 100 125 AMBIENT TEMPERATURE [℃] . ● Reference Data BA10339 family (*)The data above is ability value of sample, it is not guaranteed. BA10339F/FV:-40[℃]~+85[℃] -50 -40 -30 -20 -10 0 10 20 30 40 50 0 10 203040 SUPPLY VOLTAGE [V] 85℃ 25℃ -40℃ BA10339 family 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERAUTRE [℃] 3V 5V 36V BA10339 family 0 10 20 30 40 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 36V 3V BA10339 family 5V BA10339 family -8 -6 -4 -2 0 2 4 6 8 -50-25 0 25 50 75100 AMBIENT TEMPERATURE [℃] 3V 5V 36V -8 -6 -4 -2 0 2 4 6 8 010 20 30 40 SUPPLY VOLTAGE [V] 0 0.2 0.4 0.6 0.8 1 010 20 30 40 SUPPLY VOLTAGE [V] Fig.55 Input Offset Current - Supply Voltage Fig.54 Input Bias Current - Ambient Temperature Fig.52 Input Offset Voltage - Ambient Temperature Fig.45 Supply Current - Supply Voltage BA10339 family 25℃ 85℃ -40℃ 0 0.2 0.4 0.6 0.8 1 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] Fig.51 Input Offset Voltage - Supply Voltage BA10339FV BA10339 family Fig.44 Derating Curve BA10339F 0 100 200 300 400 500 0 1020 3040 SUPPLY VOLTAGE [V] BA10339 family -40℃ 25℃ 85℃ Fig.47 Output Saturation Voltage - Supply Voltage (IOL=4[mA]) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] BA10339 family 2V 36V 5V Fig.48 Output Saturation Voltage - Ambient Temperature (IOL=4[mA]) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 2 4 6 8 10 12 14 16 18 20 OUTPUT SINK CURRENT [mA] BA10339 family -40℃ 25℃ 85℃ Fig.49 Low Level Output Voltage - Output Sink Current (VCC=5[V]) 0 10 20 30 40 50 0 1020 3040 SUPPLY VOLTAGE [V] BA10339 family -40℃ 25℃ 85℃ Fig.53 Input Bias Current - Supply Voltage Fig.50 Output Sink Current - Ambient Temperature (VOUT=1.5[V]) Fig.46 Supply Current - Ambient Temperature BA10339 family 2V 36V 5V -40℃ 25℃ 85℃ BA10339 family |
同様の部品番号 - BA2903FVM |
|
同様の説明 - BA2903FVM |