データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2901SKN データシート(PDF) 5 Page - Rohm

部品番号 BA2901SKN
部品情報  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2901SKN データシート(HTML) 5 Page - Rohm

  BA2901SKN Datasheet HTML 1Page - Rohm BA2901SKN Datasheet HTML 2Page - Rohm BA2901SKN Datasheet HTML 3Page - Rohm BA2901SKN Datasheet HTML 4Page - Rohm BA2901SKN Datasheet HTML 5Page - Rohm BA2901SKN Datasheet HTML 6Page - Rohm BA2901SKN Datasheet HTML 7Page - Rohm BA2901SKN Datasheet HTML 8Page - Rohm BA2901SKN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Technical Note
5/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA2901 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA2901S F/FV/FVM
BA2901F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*13) (*14)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
15
VCC=5 ~ 36[V], VOUT=1.4[V]
Input Offset Current
(*13) (*14)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Bias Current
(*13) (*14)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V], VOUT=1.4 ~ 11.4[V]
RL=15[kΩ],VRL=15[V]
Supply Current
(*14)
ICC
25℃
-
0.8
2
mA
VOUT = open
Full range
-
-
2.5
VOUT = open, VCC = 36[V]
Output Sink Current
(*15)
IOL
25℃
6
16
-
mA
VIN+ = 0[V], VIN = 1[V],
VOL = 1.5[V]
Output Saturation Voltage
(*14)
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+ = 0[V], VIN- = 1[V],
IOL = 4[mA]
Full range
-
-
700
Output Leakage Current
(*14)
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN+ = 1[V], VIN- = 0[V],
VOH = 5[V]
Full range
-
-
1
μA
VIN+ = 1[V], VIN- = 0[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
-
0.4
-
RL=5.1[kΩ], VRL=5[V], VIN =TTL
Logic Swing, VREF = 1.4[V]
(*13) Absolute value
(*14) BA2901S family:Full range -40 ~ 105℃ ,BA2901 family:Full range -40 ~ +125℃
(*15) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - BA2901SKN

メーカー部品番号データシート部品情報
logo
Rohm
BA2901SKN ROHM-BA2901SKN Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2901SKN ROHM-BA2901SKN Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2901SKN ROHM-BA2901SKN Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2901SKN ROHM-BA2901SKN Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

同様の説明 - BA2901SKN

メーカー部品番号データシート部品情報
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com