データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD1204GWL データシート(PDF) 10 Page - Rohm

部品番号 BD1204GWL
部品情報  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD1204GWL データシート(HTML) 10 Page - Rohm

Back Button BD1204GWL Datasheet HTML 5Page - Rohm BD1204GWL Datasheet HTML 6Page - Rohm BD1204GWL Datasheet HTML 7Page - Rohm BD1204GWL Datasheet HTML 8Page - Rohm BD1204GWL Datasheet HTML 9Page - Rohm BD1204GWL Datasheet HTML 10Page - Rohm BD1204GWL Datasheet HTML 11Page - Rohm BD1204GWL Datasheet HTML 12Page - Rohm BD1204GWL Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Technical Note
10/12
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD1204GWL
Application Circuit Example (4 light without PWM)
Fig.12 Application Circuit Example 3
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Enable/
Brightness
Control
Vout Control
Charge Pump
Mode Control
Current
DAC
GND
LED1
LED2
LED3
EN
Battery
VBAT
VOUT
C1=1μF
C2=1μF
Cin
=1μF
Cout
=1μF
4
From
CPU
LED4 DET
PWMIN
LED4
Battery
ISET
120kΩ


同様の部品番号 - BD1204GWL

メーカー部品番号データシート部品情報
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Rohm
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results

同様の説明 - BD1204GWL

メーカー部品番号データシート部品情報
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com