データシートサーチシステム |
|
2N2222 データシート(PDF) 1 Page - Micro Commercial Components |
|
2N2222 データシート(HTML) 1 Page - Micro Commercial Components |
1 / 3 page 2N2222 2N2222A NPN Switching Transistors Features • High current (max.800mA) • Low voltage (max.40V) Maximum Ratings Symbol Rating Rating Unit VCEO Collector-Emitter Voltage 2N2222 2N2222A 30 40 V VCBO Collector-Base Voltage 2N2222 2N2222A 60 75 V VEBO Emitter-Base Voltage 2N2222 2N2222A 5.0 6.0 V IC Collector Current (DC) 800 mA ICM Peak Collector Current 800 mA IBM Peak Base Current 200 mA TJ Operating Junction Temperature -55 to +150 OC TSTG Storage Temperature -55 to +150 OC Thermal Characteristics Symbol Rating Max Unit Ptot Total power Dissipation TA 25 TC 25 500 1.2 mW W RJC Thermal Resistance, Junction to Case 146 K/W RJA Thermal Resistance, Junction to Ambient 350 K/W Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min Max Units OFF CHARACTERISTICS ICBO Collector cut-off current (VCB=50Vdc, IE=0) 2N2222 (VCB=50Vdc, IE=0,TA=150 ) (VCB=60Vdc, IE=0) 2N2222A (VCB=60Vdc, IE=0,TA=150 ) --- --- --- --- 10 10 10 10 nAdc uAdc nAdc uAdc IEBO Emitter Cut-off current (IC=0, VEB=3Vdc) --- 10 nAdc hFE DC Current Gain (IC=0.1mAdc, VCE=10Vdc) (IC=1.0mAdc, VCE=10Vdc) (IC=10mAdc, VCE=10Vdc) (IC=150mAdc, VCE=1.0Vdc)* (IC=150mAdc, VCE=10Vdc)* 35 50 75 50 100 300 hFE DC Current Gain (IC=500mAdc, VCE=10Vdc) * 2N2222 2N2222A 30 40 --- --- DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .209 .230 5.309 5.842 Φ B .178 .195 4.521 4.953 Φ C .170 .210 4.318 5.334 D .50 ---- 12.7 E .100 2.54 ΦTYP F .028 .048 .7112 1.219 G ----- .050 ----- 1.27 H .009 .031 0.229 0.787 J 44° 46° 44° 46° K .036 .046 0.914 1.168 L .016 .021 0.406 0.533 TO-18 Revision: A 20 11/01/01 omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC TM Micro Commercial Components www.mccsemi.com 1 of 3 ---- Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7. • Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) |
同様の部品番号 - 2N2222 |
|
同様の説明 - 2N2222 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |