データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2412-S データシート(PDF) 1 Page - Micro Commercial Components

部品番号 2SC2412-S
部品情報  NPN Silicon Epitaxial Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2412-S データシート(HTML) 1 Page - Micro Commercial Components

  2SC2412-S Datasheet HTML 1Page - Micro Commercial Components 2SC2412-S Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2412-R
NPN Silicon
Epitaxial Transistors
Features
Power Dissipation: 0.2W (TA=25 )
Collector Current: 0.15A
Collector-base Voltage: 60V
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
7.0
V
IC
Collector Current
0.15
A
PC
Collector power dissipation
0.2
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VCEO
Collector-Emitter Voltage
(IC=1.0mAdc, IB=0)
50
---
---
Vdc
VCBO
Collector-Base Voltage
(IC=50uAdc, IE=0)
60
---
---
Vdc
VEBO
Emitter-Base Voltage
(IE=50uAdc, IC=0)
7.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=7.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=1.0mAdc, VCE=6.0Vdc)
120
---
560
---
VCE(sat)
Collector Saturation Voltage
(IC=50mAdc, IB=5.0mAdc)
---
---
0.4
Vdc
fT
Transition Frequency
(VCE=12Vdc, IC=2.0mAdc,
f=100MHz)
150
---
---
MHz
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
BQ
BR
BS
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
E
B
C
2SC2412-Q
2SC2412-S
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


同様の部品番号 - 2SC2412-S

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
2SC2412-S MCC-2SC2412-S Datasheet
223Kb / 2P
   NPN Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC2412-SOT23 YFWDIODE-2SC2412-SOT23 Datasheet
1Mb / 3P
   NPN Transistors
More results

同様の説明 - 2SC2412-S

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
   NPN Silicon Epitaxial Transistors
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com