データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-NPT-BV95154 データシート(PDF) 1 Page - Meder Electronic

部品番号 LS03-NPT-BV95154
部品情報  LS Level Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEDER [Meder Electronic]
ホームページ  http://www.meder.com
Logo MEDER - Meder Electronic

LS03-NPT-BV95154 データシート(HTML) 1 Page - Meder Electronic

  LS03-NPT-BV95154 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS03-NPT-BV95154
LS03/GZ-PP-BV95154
Item:
Preliminary Datasheet
| Email: salesasia@meder.com
9534195154
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
operating voltage
DC or Peak AC
operating ampere
DC or Peak AC
Switching current
measured with 40% overdrive
Sensor-resistance
PP
Housing material
white
Case color
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
cable not moved
Operating temperature
cable moved
Operating temperature
Storage temperature
IP68, until the thread
DIN EN 60529
safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable typ
PVC
Cable material
0,14 mm²
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a series resistor is recommended.
Mounting advice
Modifications in the sense of technical progress are reserved
23.03.09
WKOVACS
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
Approval by:
Approval by:
Approval at:
Approval at:


同様の部品番号 - LS03-NPT-BV95154

メーカー部品番号データシート部品情報
logo
Standex Electronics, In...
LS03-NPT-BV95154 STANDEX-LS03-NPT-BV95154 Datasheet
65Kb / 1P
   LS03 Series Liquid Level Sensor
Ver.01
logo
Meder Electronic
LS03-NPT-BV95154_DE MEDER-LS03-NPT-BV95154_DE Datasheet
95Kb / 1P
   (deutsch) LS Level Sensor
More results

同様の説明 - LS03-NPT-BV95154

メーカー部品番号データシート部品情報
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com