データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB-602VA2 データシート(PDF) 1 Page - Rohm

部品番号 LB-602VA2
部品情報  Double Digits LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LB-602VA2 データシート(HTML) 1 Page - Rohm

  LB-602VA2 Datasheet HTML 1Page - Rohm LB-602VA2 Datasheet HTML 2Page - Rohm LB-602VA2 Datasheet HTML 3Page - Rohm LB-602VA2 Datasheet HTML 4Page - Rohm LB-602VA2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LB-602 A / K2 Series
LED displays
Rev.B
1/4
Double Digits LED Numeric Display
LB-602 A / K2 Series
LB-602 A / K2 series is designed to use in the light.
Materials of emission are GaAsP on GaP, AlGalnP GaP
and GaN. This is the height of a letter 14.3mm, double
digits LED Numeric Display that is packed by epoxy resin.
Features
1) The height of a letter is 14.3mm.
2) Dimension is 25.0
×19.0×8.0mm.
3) The package of surface color is black. Color of segment
is colored in emitting color. (Blue color is only milky
white)
4) Each color has anode common and cathode common
respectively.
Dimensions (Unit : mm)
12.5
25.0
±0.1
8.0
1.3
0.5
(2.54)
(20.32)
2
−φ1.5
10
°
Tolerance are
±0.3 unless otherwise noted :
Selection guide
Anode
Cathode
Emitting color
Common
Red
LB-602VA2
LB-602VK2
Red
(High brightness)
LB-602AA2
LB-602AK2
Orange
(High brightness)
LB-602EA2
LB-602EK2
Yellow
(High brightness)
LB-602XA2
LB-602XK2
Green
LB-602MA2
LB-602MK2
Blue
LB-602BA2
LB-602BK2
Pin assignments
D.P1
D.P2
a1
g1
Digit 1
f1
b1
e1
c1
a2
g2
Digit 2
f2
b2
e2
c2
d1
d2
Pin No. 1
2
3
4
5
6
7
8
9
18 17 16 15 14 13 12 11 10
+ + + + + + + + +
+ + + + + + + + +
Segment "e1"
Segment "d1"
Segment "c1"
D.P1
Segment "e2"
Segment "d2"
Segment "g2"
Segment "c2"
D.P2
1
2
3
4
5
6
7
8
9
Function
Pin No.
Segment "b2"
Segment "a2"
Segment "f2"
Digit 2 Common
Digit 1 Common
Segment "b1"
Segment "a1"
Segment "g1"
Segment "f1"
10
11
12
13
14
15
16
17
18
Function
Pin No.
Equivalent circuit (anode common)
(cathode common)
a1
16
b1
15
c1
3
d1
2
e1
1
f1
18
g1
17
D.P1
4
a2
11
b2
10
c2
8
d2
6
e2
5
f2
12
g2
7
D.P2
9
14
Dig.1
COM
13
Dig.2
COM
a1
16
b1
15
c1
3
d1
2
e1
1
f1
18
g1
17
D.P1
4
a2
11
b2
10
c2
8
d2
6
e2
5
f2
12
g2
7
D.P2
9
14
Dig.1
COM
13
Dig.2
COM


同様の部品番号 - LB-602VA2

メーカー部品番号データシート部品情報
logo
Rohm
LB-602VA2 ROHM-LB-602VA2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VA2 ROHM-LB-602VA2 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LB-602VA2 ROHM-LB-602VA2 Datasheet
74Kb / 5P
   Double Digits LED Numeric Display
More results

同様の説明 - LB-602VA2

メーカー部品番号データシート部品情報
logo
Rohm
LBP-602AK2 ROHM-LBP-602AK2_10 Datasheet
180Kb / 4P
   Double Digits LED Numeric Display
LB-602VK2 ROHM-LB-602VK2 Datasheet
74Kb / 5P
   Double Digits LED Numeric Display
LB-602 ROHM-LB-602_1 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2 Datasheet
82Kb / 3P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2_17 Datasheet
396Kb / 5P
   Double Digits High Brightness, LED Numeric Display
logo
Ningbo Foryard Optoelec...
FYD-5021MX-00 FORYARD-FYD-5021MX-00 Datasheet
343Kb / 5P
   0.50Inch (12.70mm) digit height Double Digits Display
FYD-5421AX-00 FORYARD-FYD-5421AX-00 Datasheet
405Kb / 5P
   0.54Inch (13.60mm) digit height Double Digits Display
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com