データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF-301VK データシート(PDF) 1 Page - Rohm

部品番号 LF-301VK
部品情報  Single Digit Surface Mount LED Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LF-301VK データシート(HTML) 1 Page - Rohm

  LF-301VK Datasheet HTML 1Page - Rohm LF-301VK Datasheet HTML 2Page - Rohm LF-301VK Datasheet HTML 3Page - Rohm LF-301VK Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF-301 A / K Series
LED displays
Rev.B
1/3
Single Digit Surface Mount LED Numeric Display
LF-301 A / K Series
LF-301 A / K series of Single Digit Surface Mount LED
Numeric Display which the height of a letter 8mm have
ROHM original structure that realizes re-flow soldering.
Features
1) Re-flow soldering
2) Pb-free availabe
3) Automatic mounting with taping pack
∗Number of re-flow process shall be recommend
1 time by our re-flow condition.
Selection guide
Anode
Cathode
Emitting color
Common
Red
LF-301VA
LF-301VK
LF-301MA
LF-301MK
Green
Dimensions (Unit : mm)
Tolerance are
±0.3 unless otherwise noted:
10˚
6.8
10-0.4
PIN No.6
Pin No.10
PIN No.5
Pin No.1
0.2
φ0.8
4
1
02
2.5
5
±0.5
P1.27
×4=5.08
Pin assignments
Pin No.
a
g
d
f
b
ec
D.P
+
+
10
1
+
+
9
2
+
+
8
3
+
+
7
4
+
+
6
5
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"
Equivalent circuit (anode common)
(cathode common)
8 3
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
PIN No.
Segment
Common
8 3
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
PIN No.
Segment
Common


同様の部品番号 - LF-301VK

メーカー部品番号データシート部品情報
logo
Rohm
LF-301VK ROHM-LF-301VK Datasheet
66Kb / 3P
   Single Digit Surface Mount LED Numeric Display
More results

同様の説明 - LF-301VK

メーカー部品番号データシート部品情報
logo
Rohm
LF-301VAMA ROHM-LF-301VAMA Datasheet
66Kb / 3P
   Single Digit Surface Mount LED Numeric Display
LF-3011 ROHM-LF-3011 Datasheet
917Kb / 6P
   Single Digit Surface Mount LED Numeric Display
2018.05 - Rev.E
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com