データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324WDR データシート(PDF) 3 Page - Rohm

部品番号 LM324WDR
部品情報  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM324WDR データシート(HTML) 3 Page - Rohm

  LM324WDR Datasheet HTML 1Page - Rohm LM324WDR Datasheet HTML 2Page - Rohm LM324WDR Datasheet HTML 3Page - Rohm LM324WDR Datasheet HTML 4Page - Rohm LM324WDR Datasheet HTML 5Page - Rohm LM324WDR Datasheet HTML 6Page - Rohm LM324WDR Datasheet HTML 7Page - Rohm LM324WDR Datasheet HTML 8Page - Rohm LM324WDR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LM2904,LM2902 family(Unless otherwise specified, Vcc+=+5[V], Vcc-=0[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Conditions
Fig.
No
LM2904 family
LM2902 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*3)
VIO
25℃
2
7
2
7
mV
VO=1.4[V]
98
Full range
9
9
Input Offset Current (*3)
IIO
25℃
2
50
2
30
nA
VO=1.4[V]
98
Full range
200
200
Input Bias Current (*3)
IIB
25℃
20
150
20
150
nA
VO=1.4[V]
98
Full range
200
300
Large Signal Voltage Gain
AVD
25℃
25
100
25
100
V/mV
Vcc
+=15[V]
VO=1.4[V] to 11.4[V]
RL=2[kΩ]
98
Supply Voltage Rejection Ratio
SVR
25℃
65
100
65
110
dB
RS≦10[kΩ]
99
Full range
65
65
Supply Current (All Amp)
ICC
25℃
0.7
1.2
0.7
1.2
mA
Vcc
+=5[V],No Lord
99
25℃
1.5
3
Vcc
+=30[V],No Lord
Full range
2
0.8
1.2
Vcc
+=5[V],No Lord
Full range
1.5
3
Vcc
+=30[V],No Lord
Input Common-mode Voltage Range
VICM
25℃
Vcc
+-1.5
Vcc
+-1.5
V
Vcc
+=30[V]
98
Full range
Vcc
+-2.0
Vcc
+-2.0
Common-mode Rejection Ratio
CMR
25℃
70
85
70
80
dB
RS=10[kΩ]
98
Full range
60
60
Output Short Circuit Current (*4)
Isource
25℃
20
40
60
20
40
70
mA
Vcc
+=+15[V],VO=+2[V]
VID=+1[V]
98
Output Sink Current (*4)
Isink
25℃
10
20
10
20
mA
VO=2[V],Vcc
+=+5[V]
VID=-1[V]
99
12
50
12
50
μA
VO=+0.2[V],
Vcc
+=+15[V] ,VID=-1[V]
Output Voltage Swing
Vopp
25℃
0
Vcc
+-1.5
V
RL=2[kΩ]
99
Full range
0
Vcc
+-2.0
High Level Output Voltage
VOH
25℃
27
27
28
V
Vcc
+=30[V],RL=10[kΩ]
99
Full range
27
28
27
Vcc
+=30[V],RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
5
20
5
20
mV
RL=10[kΩ]
99
Full range
20
20
Slew Rate
SR
25℃
0.6
0.4
V/μs
RL=2[kΩ],CL=100[pF],
Unity Gain
VI=0.5[V] to 3[V]
Vcc
+=1.5[V]
99
Gain Bandwidth Product
GBP
25℃
1.1
1.3
MHz
Vcc
+=30[V],RL=2[kΩ]
CL=100[pF]
VIN=10[mV]
99
Total Harmonic Distortion
THD
25℃
0.02
0.015
f=1[kHz],AV=20[dB]
RL=2[kΩ]
CL=100[pF],
Vcc
+=30[V],VO=2[Vpp]
99
Input Equivalent Noise Voltage
en
25℃
40
Hz
nV/
f=1[kHz],RS=100[Ω]
Vcc
+=30[V]
99
Input Offset Voltage Drift
DVIO
7
7
μV/℃
-
Input Offset Current Drift
DIIO
10
10
pA/℃
-
Channel Separation
VO1/VO2
25℃
120
120
dB
1[kHz]≦f≦20[kHz]
99
(*3) Absolute value
(*4) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - LM324WDR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM324WDT STMICROELECTRONICS-LM324WDT Datasheet
1Mb / 22P
   Low-power quad operational amplifiers
Rev 8 - September 2019
More results

同様の説明 - LM324WDR

メーカー部品番号データシート部品情報
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com