データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MC74F803 データシート(Datasheet) 1 Page - Motorola, Inc

部品番号. MC74F803
部品情報  CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo 

   
 1 page
background image
Order this document
from Logic Marketing
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
11/93
REV 3
Clock Driver
Quad DType FlipFlop
With Matched Propagation Delays
The MC74F803 is a high-speed, low-power, quad D-type flip-flop featuring
separate D-type inputs, and inverting outputs with closely matched
propagation delays. With a buffered clock (CP) input that is common to all
flip-flops, the F803 is useful in high-frequency systems as a clock driver,
providing multiple outputs that are synchronous. Because of the matched
propagation delays, the duty cycles of the output waveforms in a clock driver
application are symmetrical within 1.0 to 1.5 nanoseconds.
Edge-Triggered D-Type Inputs
Buffered Positive Edge-Triggered Clock
Matched Outputs for Synchronous Clock Driver Applications
Outputs Guaranteed for Simultaneous Switching
Pinout: 14-Lead Plastic (Top View)
14
13
12
11
10
9
12
3456
8
7
VCC
NC
O3
D3
D2
O2
CP
GND
NC
O0
D0
D1
O1
GND
GUARANTEED OPERATION RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current — High
–20
mA
IOL
Output Current — Low
24
mA
LOGIC DIAGRAM
CP
D0
CP
D
Q
O0
D1
CP
D
Q
O1
D2
CP
D
Q
O2
D3
CP
D
Q
O3
MC74F803
CLOCK DRIVER QUAD
D-TYPE FLIP-FLOP WITH
MATCHED PROPAGATION
DELAYS
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-03
LOGIC SYMBOL
8
45
10
11
36
9
12
D0
D1
D2
D3
O1
O0
O2
O3
CP
VCC = PIN 14
GND = PINS 1 AND 7
NC = PINS 2 AND 13




Html ページ

1  2  3  4  5 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC74F1803CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS 1 2 3 4 5 Motorola, Inc
54FCT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
MC54-74HC175Quad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreMotorola, Inc
SN74F377AOCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
74HC175Quad D-type flip-flop with reset; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors
MC54-74HC175Quad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreON Semiconductor
DM74LS377Octal D-Type Flip-Flop with Common Enable and Clock 1 2 3 4 5 Fairchild Semiconductor
TC74VHC175FQUAD D-TYPE FLIP-FLOP WITH CLEAR 1 2 3 4 5 MoreToshiba Semiconductor
MC74HC175AQuad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreON Semiconductor
MC100EP523.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop 1 2 3 4 5 MoreON Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl