データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MC74F803 データシート(Datasheet) 2 Page - Motorola, Inc

部品番号. MC74F803
部品情報  CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo 

   
 2 page
background image
MC74F803
2
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 4
FUNCTIONAL DESCRIPTION
The F803 consists of four positive edge-triggered flip-flops
with individual D-type inputs and inverting outputs. The
buffered clock is common to all flip-flops and the following
specifications allow for outputs switching simultaneously. The
four flip-flops store the state of their individual D inputs that
meet the setup and hold time requirements on the
LOW-to-HIGH Clock (CP) transition. The maximum frequency
of the clock input is 70 megahertz, and the LOW-to-HIGH and
HIGH-to-LOW propagation delays of the O1 output vary by, at
most, 1 nanosecond. Therefore, the device is ideal for use as
a divide-by-two driver for high-frequency clock signals that
require symmetrical duty cycles. The difference between the
LOW-to-HIGH and HIGH-to-LOW propagation delays for the
O0, O2, and O3 outputs vary by at most 1.5 nanoseconds.
These outputs are very useful as clock drivers for circuits with
less stringent requirements. In addition, the output-to-output
skew is a maximum of 1.5 nanoseconds. Finally, the IOH
specification at 2.5 volts is guaranteed to be at least – 20
milliamps. If their inputs are identical, multiple outputs can be
tied together and the IOH is commensurately increased.
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions*
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
– 1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
2.5
V
IOH = –20 mA
VCC = 4.5 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 24 mA
VCC = MIN
20
µA
VIN = 2.7 V
VCC = MAX
IIH
Input HIGH Current
100
VIN = 7.0 V
VCC = MAX
IIL
Input LOW Current
–0.6
mA
VIN = 0.5 V
VCC = MAX
IOS
Output Short Circuit Current
(Note 2)
–60
–150
mA
VOUT = 0 V
VCC = MAX
ICC
Power Supply Current
70
mA
VCC = MAX
* Normal test conditions for this device are all four outputs switching simultaneously. Two outputs of the 74F803 can be tied together and the
IOH doubles.
1. For conditions such as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 0 to 70°C, VCC = 5.0 V ± 10%, see Note 1)
CL = 50 pF
CL = 100 pF
Symbol
Parameter
Min
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
70
50
MHz
tPLH
tPHL
Propagation Delay CP to On
3.0
7.5
3.0
10
ns
tPv
Propagation Delay CP to On Variation (see Note 3)
3.0
4.0
ns
tps O1
Propagation Delay Skew |tPLH Actual – tPHL Actual|
for O1 Only
1.0
2.0
ns
tps O0,
O2, O3
Propagation Delay Skew |tPLH Actual – tPHL Actual|
for O0, O2, O3
1.5
2.0
ns
tos
Output to Output Skew (see Note 2) |tp On – tp Om|
1.5
2.5
ns
trise, tfall
O1
Rise/Fall Time for O1 (0.8 to 2.0 V)
3.0
4.0
ns
trise, tfall
O0, O2, O3
Rise/Fall Time for O0, O2, O3 (0.8 to 2.0 V)
3.5
4.5
ns
1. The test conditions used are all four outputs switching simultaneously. The AC characteristics described above (except for O1) are also
guaranteed when two outputs are tied together.
2. Where tp On and tp Om are the actual propagation delays (any combination of high or low) for two separate outputs from a given high
transition of CP.
3. For a given set of conditions (i.e., capacitive load, temperature, VCC, and number of outputs switching simultaneously) the variation from
device to device is guaranteed to be less than or equal to the maximum.




Html ページ

1  2  3  4  5 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC74F1803CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS 1 2 3 4 5 Motorola, Inc
54FCT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
MC54-74HC175Quad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreMotorola, Inc
SN74F377AOCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
74HC175Quad D-type flip-flop with reset; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors
MC54-74HC175Quad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreON Semiconductor
DM74LS377Octal D-Type Flip-Flop with Common Enable and Clock 1 2 3 4 5 Fairchild Semiconductor
TC74VHC175FQUAD D-TYPE FLIP-FLOP WITH CLEAR 1 2 3 4 5 MoreToshiba Semiconductor
MC74HC175AQuad D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreON Semiconductor
MC100EP523.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop 1 2 3 4 5 MoreON Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl