データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7000 データシート(PDF) 4 Page - C&K Components

部品番号 7000
部品情報  Miniature Toggle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7000 データシート(HTML) 4 Page - C&K Components

  7000 Datasheet HTML 1Page - C&K Components 7000 Datasheet HTML 2Page - C&K Components 7000 Datasheet HTML 3Page - C&K Components 7000 Datasheet HTML 4Page - C&K Components 7000 Datasheet HTML 5Page - C&K Components 7000 Datasheet HTML 6Page - C&K Components 7000 Datasheet HTML 7Page - C&K Components 7000 Datasheet HTML 8Page - C&K Components 7000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–PANEL REAR MOUNT
DIMPLES
MFG. OPTION
DIMPLES MFG.
OPTION
PANEL MOUNTING
J8 Actuator
J3 Actuator
J10 Actuator
J1 & J2 Actuators
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting screws,
nuts, lockwashers and standoffs for 1/8 inch thick
panel are supplied standard on all switches with
panel mounting brackets. Actuators available
separately, see page G-22. Hardware is available
see Technical Data section of this catalog.
J1, J2, J3, J8 & J10 Actuators available with
C, W-W5, Z or Z3 terminations.
J1
ROCKER
J2
LEVER
J3
ROCKER
J8
ROCKER
J10
ROCKER
ACTUATOR COLOR
ACTUATOR
G
G–7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


同様の部品番号 - 7000

メーカー部品番号データシート部品情報
logo
Coto Technology
7000 COTO-7000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
   Available in on-delay, true off-delay, and on/off-delay
logo
Tyco Electronics
7000 MACOM-7000 Datasheet
257Kb / 6P
   DIP Switches
logo
Pentair plc. All rights...
7000 PENTAIR-7000 Datasheet
309Kb / 2P
   INNOVATIVE SOLUTION FOR LARGER TANK SIZE AND HIGH FLOW RATE
logo
3M Electronics
7000 3M-7000 Datasheet
278Kb / 6P
   3M??Novec??7000 Engineered Fluid
More results

同様の説明 - 7000

メーカー部品番号データシート部品情報
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com