データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW68G データシート(PDF) 1 Page - Micro Commercial Components

部品番号 BCW68G
部品情報  PNP Small Signal Transistor 330mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCW68G データシート(HTML) 1 Page - Micro Commercial Components

  BCW68G_11 Datasheet HTML 1Page - Micro Commercial Components BCW68G_11 Datasheet HTML 2Page - Micro Commercial Components BCW68G_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Marking: DG
Weight: 0.008 grams ( approx.)
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
V
CEO
-45
V
Collector-Base Voltage
V
CBO
-60
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current(DC)
IC
-800
mA
Peak Collector Current
I
CM
-1000
mA
Base Current(DC)
I
B
-100
mA
Peak Base Current
I
BM
-200
mA
Power Dissipation@T
s=79
oCP
d
330
mW
Thermal Resistance, Junction to
Ambient Air
285
(1)
oC/W
Thermal Resistance, Junction to
Soldering Point
215
oC/W
Operating & Storage Temperature
Tj,TSTG -55~150
oC
Notes:
(1) Valid provided that leads are kept at
ambient temperature.
BCW68G
PNP Small
Signal Transistor
330mW
RθJA
RθJS
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
E
B
C
Features
Ideally Suited for Automatic Insertion
150
oC Junction Temperature
Low Current, Low Frequency
Epitaxial Planar Die Construction
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
1 of 3


同様の部品番号 - BCW68G_11

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
   PNP Small Signal Transistor 330mW
logo
Fairchild Semiconductor
BCW68G FAIRCHILD-BCW68G_14 Datasheet
133Kb / 7P
   PNP General-Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
BCW68G WINNERJOIN-BCW68G_15 Datasheet
64Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

同様の説明 - BCW68G_11

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
   PNP Small Signal Transistor 330mW
BCW68G MCC-BCW68G Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
BCW68H MCC-BCW68H_11 Datasheet
186Kb / 3P
   PNP Small Signal Transistor 330mW
BCW68H MCC-BCW68H Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
   NPN Small Signal Transistor 330mW
BCW66H MCC-BCW66H_11 Datasheet
193Kb / 3P
   NPN Small Signal Transistor 330mW
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com