データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB0M410 データシート(PDF) 10 Page - C&K Components

部品番号 KSB0M410
部品情報  Low-profile Tact Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSB0M410 データシート(HTML) 10 Page - C&K Components

Back Button KSB0M410 Datasheet HTML 6Page - C&K Components KSB0M410 Datasheet HTML 7Page - C&K Components KSB0M410 Datasheet HTML 8Page - C&K Components KSB0M410 Datasheet HTML 9Page - C&K Components KSB0M410 Datasheet HTML 10Page - C&K Components KSB0M410 Datasheet HTML 11Page - C&K Components KSB0M410 Datasheet HTML 12Page - C&K Components KSB0M410 Datasheet HTML 13Page - C&K Components KSB0M410 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
B–62
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSI Series
Sealed Tact Switches
Features/Benefits
Long and soft actuator
Distinctive tactile feel
1.1 & 3 N actuation force
Ground terminal optional
RoHS compliant and compatible
Typical Applications
Automotive
Automation
Door entry systems
Remote controls
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed in the table above, please consult your local represenative.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS (min.): 7.62 (0.300)
TERMINALS: PC pins
Ground Terminal
0 Without
1 With*
Insertion
M Manual
V Vertical*
K
S
I
Contact Material
1 Silver contacts
3 Gold contacts
Operation Force
0 1.1 N (110 grams)
2 2 N (200 grams)
4 3 N (300 grams)
Sealing
1 Sealed IP 60
Mechanical
Packaging
Delivered in boxes of 500 pieces (M version) or 250 pieces (V version).
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
Actuation force
Operating life
Travel to
Type
N
(operations)
make
KSI0M411
2.25 - 4.0
100,000
1,1 ± 0,2
KSI0V211
1.5 - 2.5
100,000
0,7 ± 0,2
KSI0V411
2.25 - 4.0
100,000
1,1 ± 0,2
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms
CONTACT RESISTANCE: < 50 m
INSULATION RESISTANCE (100V): > 1011
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 90˚C
-55˚C to 125˚C
Process
Wave soldering, compatible with lead free soldering profile.
Durometer for silicone actuator is 50 shore
*Note: “1” Ground terminal not compatible with “V” insertion
L
F
T
RoHS compliant and compatible.
Tin plated.


同様の部品番号 - KSB0M410

メーカー部品番号データシート部品情報
logo
C&K Components
KSB0M410 CK-COMPONENTS-KSB0M410 Datasheet
91Kb / 4P
   Protected against flux
KSB0M410 CK-COMPONENTS-KSB0M410 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
ITT Industries
KSB0M410LFT ITT-KSB0M410LFT Datasheet
184Kb / 2P
   Low-profile Tact Switch
More results

同様の説明 - KSB0M410

メーカー部品番号データシート部品情報
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
   Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
   Low Profile Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
   Low Profile Tact Switch
KSB CK-COMPONENTS-KSB_V01 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
   TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
   TACT SWITCH
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com