データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM115440-15A データシート(PDF) 4 Page - C&K Components

部品番号 DM115440-15A
部品情報  D*BM Series compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM115440-15A データシート(HTML) 4 Page - C&K Components

  DM115440-15A Datasheet HTML 1Page - C&K Components DM115440-15A Datasheet HTML 2Page - C&K Components DM115440-15A Datasheet HTML 3Page - C&K Components DM115440-15A Datasheet HTML 4Page - C&K Components DM115440-15A Datasheet HTML 5Page - C&K Components DM115440-15A Datasheet HTML 6Page - C&K Components DM115440-15A Datasheet HTML 7Page - C&K Components DM115440-15A Datasheet HTML 8Page - C&K Components DM115440-15A Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D*BM Series compliant with ESA/ESCC 3401/080 specification
Connectors Savers, Electrical, Rectangular, Non-Removable
Signal Contacts, and Removable Coaxial and Power Contact For
D*Subminiature
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
4
SECTION 2 : ESA / ESCC 3401-080 WITH POWER OR COAXIAL CONTACTS
● Connectors D*BM - ESA/ESCC 3401-080 equipped with Power Contact 3401-040-17B (Flying Models) :
(
Manufacturing Control and documentation compliant with ESA ESCC specifications 3401-080 and 3401-040)
Shell Size
Contact arrangement
ESA / ESCC 3401080 Connector Description
C&K
Part Number
E
5W1
340108001B DEBM5W1PSNMB
C115366-2340C
A
3WK3
340108001B DABM3WK3PSNMB
C115366-2370C
A
3W3
340108001B DABM3W3PSNMB
C115366-2341C
A
7W2
340108001B DABM7W2PSNMB
C115366-2342C
A
11W1
340108001B DABM11W1PSNMB
C115366-2343C
B
5W5
340108001B DBBM5W5PSNMB
C115366-2344C
B
9W4
340108001B DBBM9W4PSNMB
C115366-2345C
B
13W3
340108001B DBBM13W3PSNMB
C115366-2346C
B
17W2
340108001B DBBM17W2PSNMB
C115366-2347C
B
21W1
340108001B DBBM21W1PSNMB
C115366-2348C
C
8W8
340108001B DCBM8W8PSNMB
C115366-2349C
C
13W6
340108001B DCBM13W6PSNMB
C115366-2350C
C
17W5
340108001B DCBM17W5PSNMB
C115366-2351C
C
21WA4
340108001B DCBM21WA4PSNMB
C115366-2352C
C
25W3
340108001B DCBM25W3PSNMB
C115366-2353C
C
27W2
340108001B DCBM27W2PSNMB
C115366-2354C
D
24W7
340108001B DDBM24W7PSNMB
C115366-2355C
D
36W4
340108001B DDBM36W4PSNMB
C115366-2356C
D
43W2
340108001B DDBM43W2PSNMB
C115366-2357C
D
47W1
340108001B DDBM47W1PSNMB
C115366-2358C


同様の部品番号 - DM115440-15A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
ITT Industries
DM115224-1010A ITT-DM115224-1010A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1020A ITT-DM115224-1020A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1040A ITT-DM115224-1040A Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

同様の説明 - DM115440-15A

メーカー部品番号データシート部品情報
logo
Sharma Electro Componen...
BM SHARMA-BM Datasheet
352Kb / 2P
   BM Series
logo
Cooper Bussmann, Inc.
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
logo
ERNI Electronics
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
C&K Components
3401-080 CK-COMPONENTS-3401-080 Datasheet
412Kb / 12P
   3401-080 D*BM Connector Savers for D*M Combination Arrangement
logo
ERNI Electronics
DC0008060 ERNI-DC0008060 Datasheet
152Kb / 1P
   Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
374723 ERNI-374723 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com