データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1267-O データシート(PDF) 2 Page - Micro Commercial Components

部品番号 KTA1267-O
部品情報  PNP General Purpose Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KTA1267-O データシート(HTML) 2 Page - Micro Commercial Components

  KTA1267-O Datasheet HTML 1Page - Micro Commercial Components KTA1267-O Datasheet HTML 2Page - Micro Commercial Components KTA1267-O Datasheet HTML 3Page - Micro Commercial Components KTA1267-O Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KTA1267
-0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
30
1k
-300
-100
-0.3
-0.1
COLLECTOR CURRENT I
(mA)
C
h - I
-0.3
-3
-0.01
-300
-100
-30
-0.1
COLLECTOR CURRENT I (mA)
C
V
- I
-10
-0.3
-3k
-0
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
-40
-80
-120
-160
-100
-240
-1
-2
-3
-4
-5
-6
-7
COMMON
EMITTER
Ta=25 C
-6.0
-5.0
-3.0
-2.0
-1.0
-0.5
I =-0.2mA
0
B
FE
C
-1
-3
-10
-30
50
100
300
500
10
CE(sat)
C
-0.3
-1
-3
-10
-0.03
-0.05
-0.1
-0.5
-1
COMMON
EMITTER
I /I =10
CB
Ta=100 C
25 C
-25 C
CE
V =-10V
Ta=25 C
COMMON EMITTER
1k
500
100
50
30
10
3
1
0.3
E
T
f - I
E
EMITTER CURRENT I
(mA)
0.1
30
100
300
10
3k
300
BBE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-30
-100
-300
-1k
COMMON
V =-6V
CE
EMITTER
COMMON
Ta=100 C
Ta=25 C
Ta=-25 C
V =-6V
CE
CE
V =-1V
EMITTER
-0.1
-5
-3
-1
-0.5
-30
-10
-3
-1
C
BE(sat)
V
- I
C
COLLECTOR CURRENT I (mA)
-0.1
-0.3
-100
-300
-10
-0.3
B
C
I /I =10
Ta=25 C
COMMON
EMITTER
Revision: 5
2008/02/01
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


同様の部品番号 - KTA1267-O

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
KTA1267-O MCC-KTA1267-O Datasheet
395Kb / 4P
   PNP General Purpose Application
KTA1267-O MCC-KTA1267-O_13 Datasheet
395Kb / 4P
   PNP General Purpose Application
More results

同様の説明 - KTA1267-O

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
KTA1267-O MCC-KTA1267-O_13 Datasheet
395Kb / 4P
   PNP General Purpose Application
logo
AUK corp
BC858U AUK-BC858U Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
BC856 AUK-BC856 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857 AUK-BC857 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858 AUK-BC858 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com