データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM05 データシート(PDF) 1 Page - Micro Commercial Components

部品番号 SM05
部品情報  5V~12Volts ESD Protection Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM05 データシート(HTML) 1 Page - Micro Commercial Components

  SM05 Datasheet HTML 1Page - Micro Commercial Components SM05 Datasheet HTML 2Page - Micro Commercial Components SM05 Datasheet HTML 3Page - Micro Commercial Components SM05 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
SM05
Thru
SM12
5V~12Volts
ESD Protection
SOT-23
Features
Operating Junction &StorageTemperature: -55°C to +150°C
Maximum Thermal Resistance: 556°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f
15
f
8
KV
ESD Voltage per human body mode
16
KV
Power Dissipation
Pd
225
mw
MCC
Revision:
A
20
11/01/01
www.mccsemi.com
1 of 4
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Pin Configuration-Top View
Devices
For sensitive ESD protection
Excellent clamping capability
Low leakage
ESD rating of class 3(>16KV)per Human Body Mode
Fast response ,response time less than 1ns.
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
MaximumRatings
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


同様の部品番号 - SM05

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM05 UMW-SM05 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM05 MCC-SM05 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM05 UMW-SM05 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM05 MICROSEMI-SM05 Datasheet
138Kb / 2P
   TVSarray Series
More results

同様の説明 - SM05

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
   5V~12Volts ESD Protection Devices
logo
Micro Commercial Compon...
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com