データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28118 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28118
部品情報  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 データシート(HTML) 3 Page - Intersil Corporation

  ISL28118 Datasheet HTML 1Page - Intersil Corporation ISL28118 Datasheet HTML 2Page - Intersil Corporation ISL28118 Datasheet HTML 3Page - Intersil Corporation ISL28118 Datasheet HTML 4Page - Intersil Corporation ISL28118 Datasheet HTML 5Page - Intersil Corporation ISL28118 Datasheet HTML 6Page - Intersil Corporation ISL28118 Datasheet HTML 7Page - Intersil Corporation ISL28118 Datasheet HTML 8Page - Intersil Corporation ISL28118 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL28118, ISL28218
3
FN7532.3
September 21, 2011
Ordering Information
PART NUMBER
(Notes 2, 3)
PART MARKING
TEMPERATURE RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28118FBZ (Note 1)
28118 FBZ
-40 to +125
8 Ld SOIC
M8.15E
Coming Soon
ISL28118FRTZ (Note 1)
118Z
-40 to +125
8 Ld TDFN
L8.3x3A
ISL28118FUZ (Note 1)
8118Z
-40 to +125
8 Ld MSOP
M8.118
ISL28218FBZ (Note 1)
28218 FBZ
-40 to +125
8 Ld SOIC
M8.15E
Coming Soon
ISL28218FRTZ
218Z
-40 to +125
8 Ld TDFN
L8.3x3A
Coming Soon
ISL28218FUZ
8218Z
-40 to +125
8 Ld MSOP
M8.118
ISL28218SOICEVAL1Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL28118, ISL28218. For more information on MSL, please see
Technical Brief TB363.


同様の部品番号 - ISL28118

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28118 INTERSIL-ISL28118 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
More results

同様の説明 - ISL28118

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com