データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28218 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28218
部品情報  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28218 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28218 Datasheet HTML 2Page - Intersil Corporation ISL28218 Datasheet HTML 3Page - Intersil Corporation ISL28218 Datasheet HTML 4Page - Intersil Corporation ISL28218 Datasheet HTML 5Page - Intersil Corporation ISL28218 Datasheet HTML 6Page - Intersil Corporation ISL28218 Datasheet HTML 7Page - Intersil Corporation ISL28218 Datasheet HTML 8Page - Intersil Corporation ISL28218 Datasheet HTML 9Page - Intersil Corporation ISL28218 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL28118, ISL28218
6
FN7532.3
September 21, 2011
in
Current Noise Density
f = 1kHz, VS = ±18V
355
fA/
√Hz
THD + N
Total Harmonic Distortion + Noise 1kHz, G = 1, VO = 3.5VRMS, RL = 10kΩ
0.0003
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 1, RL = 2kΩ, VO = 10VP-P
±1.2
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to
VCM
100
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL = 2kΩ to VCM
100
ns
ts
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩ to VCM
8.5
µs
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Input Offset Voltage
ISL28118
-150
25
150
µV
-270
270
µV
ISL28218
-230
40
230
µV
-290
290
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
ISL28118
-1.2
0.2
1.2
µV/°C
ISL28218
-1.4
0.3
1.4
µV/°C
ΔVOS
Input Offset Voltage Match
(ISL28218 only)
-280
44
280
µV
-365
365
µV
IB
Input Bias Current
-575
-230
nA
-800
nA
TCIB
Input Bias Current
Temperature Coefficient
-0.8
nA/°C
IOS
Input Offset Current
-50
4
50
nA
-75
75
nA
CMRR
Common-Mode Rejection Ratio
VCM = V- - 0.5V to V+ - 1.8V
119
dB
VCM = V- to V+ -1.8V
ISL28118 SOIC
101
117
dB
97
dB
VCM = V- to V+ -1.8V
ISL28118 MSOP
101
117
dB
96
dB
VCM = V- to V+ -1.8V
ISL28218
101
117
dB
97
dB
VCMIR
Common Mode Input Voltage
Range
Guaranteed by CMRR test
V- - 0.5
V+ - 1.8
V
V-
V+ - 1.8
V


同様の部品番号 - ISL28218

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28218 INTERSIL-ISL28218 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28218 INTERSIL-ISL28218 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28218 INTERSIL-ISL28218 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28218 RENESAS-ISL28218 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28218 INTERSIL-ISL28218 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
More results

同様の説明 - ISL28218

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com