データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2894 データシート(PDF) 1 Page - Seme LAB

部品番号 2N2894
部品情報  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2894 データシート(HTML) 1 Page - Seme LAB

  2N2894_03 Datasheet HTML 1Page - Seme LAB 2N2894_03 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2894
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PNP SILICON
TRANSISTOR
FEATURES
• SILICON PNP TRANSISTOR
• HIGH SPEED, LOW SATURATION SWITCH
APPLICATIONS:
GENERAL PURPOSE SWITCHING
APPLICATIONS
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation
@ TA =25°C
Derate above 25°C
PD
Total Device Dissipation
@ TC =25°C
Derate above 25°C
TSTG , TJ
Operating and Storage Temperature Range
-12V
-12V
-4V
200mA
360mW
2.06mW / °C
1.2W
6.85mW / °C
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
TO18
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
PIN1 – EMITER
Underside View
PIN 2 – BASE
PIN 3 – COLLECTOR
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)
Document Number 4081
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


同様の部品番号 - 2N2894_03

メーカー部品番号データシート部品情報
logo
Seme LAB
2N2894A SEME-LAB-2N2894A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
Central Semiconductor C...
2N2894A CENTRAL-2N2894A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2894A NJSEMI-2N2894A Datasheet
371Kb / 2P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Seme LAB
2N2894AC1 SEME-LAB-2N2894AC1 Datasheet
283Kb / 4P
   HIGH SPEED PNP SILICON BIPOLAR TRANSISTOR
2N2894ACSM SEME-LAB-2N2894ACSM Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

同様の説明 - 2N2894_03

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com