データシートサーチシステム |
|
SS14 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SS14 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page CREAT BY ART UL Recognized File # E-326243 For surface mounted application Easy pick and place Metal to silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge current capability High reliability grade (ACE-Q101 qualified) SS1X G = Green Compound Y = Year M = Work Month Maximum Ratings and Electrical Characteristics Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SS 12 SS 13 SS 14 SS 15 SS 16 SS 19 SS 110 SS 115 Unit VRRM 20 30 40 50 60 90 100 150 V VRMS 14 21 28 35 42 63 70 105 V VDC 20 30 40 50 60 90 100 150 V IF(AV) A mA mA mA Cj pF TJ OC TSTG OC Version:G11 Note3: Mount on Cu-Pad Size 5mm × 5mm on P.C.B. 10 5 Typical Junction Capecitance (Note 2) 50 Note1: Pulse Test with PW=300u sec, 1% Duty Cycle -- Note2: Measured at 1 MHz and Applied Reverse Voltagr of 4.0V D.C. Operating Temperature Range Storage Temperature Range - 65 to + 150 - 65 to + 125 - 65 to + 150 0.1 IR Mechanical Data Maximum Repetitive Peak Reverse Voltage Dimensions in inches and (millimeters) Terminal: Pure tin plated, lead free Case: JEDEC SMA/DO-214AC Molded plastic - Packaging: 12 mm tape per EIA STD RS-481 2 High temperature soldering guaranteed: 260℃ /10s at terminals SS12 - SS115 1.0AMP Surface Mount Schottky Barrier Rectifier Marking Diagram SMA/DO-214AC Epitaxial construction Features Plastic material used carriers Underwriters Laboratory Classigication 94V-0 30 Green compound with suffix "G" on packing code & prefix "G" on datecode Weight: 0.066 gram Type Number Maximum Average Forward Rectified Current Maximum Reverse Current @ Rated VR TA=25 ℃ TA=100℃ TA=125 ℃ 0.4 Polarity: Indicated by cathode band = Specific Device Code Maximum RMS Voltage Maximum DC Blocking Voltage 1.0 A Maximum Instantaneous Forward Voltage (Note 1) @ 1.0A @ 25℃ @ 1.0A @100℃ VF 0.5 0.4 0.75 0.65 0.80 0.70 0.95 0.85 V Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method) IFSM Typical Thermal Resistance (Note 3) RθjL RθjA 28 88 OC/W Pb RoHS COMPLIANCE RoHS COMPLIANCE |
同様の部品番号 - SS14 |
|
同様の説明 - SS14 |