データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS78M00 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS78M00
部品情報  3-Terminal 500mA Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M00 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M00_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M00_09 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS78M00 Series
3-Terminal 500mA Positive Voltage Regulator
1/10
Version: B07
TO-220
TO-252
(DPAK)
General Description
The TS78M00 Series positive voltage regulators are identical to the popular TS7800 Series devices, except that they
are specified for only half the output current. Like the TS7800 devices, the TS78M00 Series 3-Terminal regulators are
intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor
combine to make these devices remarkably rugged under most operating conditions. Maximum output current with
adequate heatsink is 500mA
Features
Output Voltage Range 5 to 24V
Output current up to 500mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Part No.
Package
Packing
TS78MxxCZ C0
TO-220
50pcs / Tube
TS78MxxCP RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denote voltage option
Standard Application Circuit
A common ground is required between the input and
the output voltages. The input voltage must remain
typically 2.0V above the output voltage even during the
low point on the Input ripple voltage.
XX = these two digits of the type number indicate
voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN*
35
V
Input Voltage
VIN**
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Note: * TS78M05 to TS78M18
** TS78M24
*** Follow the derating curve
Pin Definition:
1. Input
2. Ground (tab)
3. Output


同様の部品番号 - TS78M00_09

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78M00A TSC-TS78M00A Datasheet
173Kb / 9P
   3-Terminal Medium Current Positive Voltage Regulator
TS78M00A TSC-TS78M00A Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
More results

同様の説明 - TS78M00_09

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com