データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS317CWRP データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS317CWRP
部品情報  3-Terminal Adjustable Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317CWRP データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS317CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS317
3-Terminal Adjustable Positive Voltage Regulator
2/14
Version: D07
Thermal Performance
Condition
Package type
Symbol
Typ
Unit
Thermal Resistance Junction to Air
TO-220
JA
50
oC/W
TO-263
55
TO-252
100
SOT-223
130
Thermal Resistance Junction to Case
TO-220
JC
5
oC/W
TO-263
5
TO-252
10
SOT-223
15
Electrical Characteristics
(VI -VO = 5.0 V, Io=500mA for TO-220/TO-263 packages, Io=200mA for TO-252/SOT-223 package)
Parameter
Figure
Symbol
Min.
Typ.
Max.
Unit
Reference voltage, 3V ≤ Vi-Vo ≤ 40V
10mA
≤ Io ≤ Imax, Pd ≤ Pmax,
3
Vref
1.20
1.25
1.30
V
Line regulation (Note 3)
Ta = 25
oC, 3V≤Vi-Vo≤40V
1
REGline
--
0.01
0.07
%/V
Load regulation Ta = 25
oC, 10mA ≤ I
O ≤ Imax (Note 2)
VO ≤ 5.0
VO ≥ 5.0
2
REGload
--
--
5.0
0.1
25
0.5
mV
%V
Thermal regulation, Ta = 25
oC (Note 5), 20mS Pulse
REGtherm
--
0.03
0.07
%Vo/W
Adjustment pin current
3
Iadj
--
50
100
uA
Adjustment pin current change, 3V ≤ VI - VO ≤ 40V
10mA ≤ Io ≤ Imax, Pd ≤ Pmax,
1.2
∆Iadj
--
0.2
5.0
uA
Maximum output current, VI - VO ≤ 15V, Pd ≤ Pmax
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
3
Imax
1.5
0.5
--
--
--
--
A
Temperature stability (TLOW ≤ Tj ≤ THIGH)
3
TS
--
1
--
% Vo
Minimum load current to maintain regulation
(VI - VO = 40 V)
3
ILmin
--
3.5
10
mA
RMS Noise, % of VO, Ta =25
oC, 10Hz ≤ f ≤ 10KHz
N
--
0.003
--
% Vo
Ripple Rejection, Vo =10V, f =120Hz (Note 3)
Without Cadj
Cadj = 10uF
4
PSRR
--
66
65
80
--
--
dB
Long-term stability (Note 4), Tj = 125ºC, 1000hrs
3
S
--
0.3
1.0
%
Notes: 1. TLOW to THIGH = 0
oC to +125oC, Pmax is internally limited
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
3. Cadj, when used, is connected between the adjustment pin and ground. Since Long-Term Stability cannot
be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.
4. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting
individual IC components on the die. These effects can be minimized by proper integrated circuit design and
layout techniques. Thermal Regulation in the effect of these temperature gradients on the output voltage
and is expressed in the percentage of output change per watt of power change in a specified time.


同様の部品番号 - TS317CWRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS317CW ETC-TS317CW Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317CW TSC-TS317CW Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results

同様の説明 - TS317CWRP

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com