データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2418CDC3 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2418CDC3
部品情報  Telephone Tone Ringer with Bridge Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418CDC3 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2418CDC3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418CDC3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418CDC3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418CDC3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418CDC3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS2418
Telephone Tone Ringer with Bridge Diode
1/5
Version: B07
DIP-8
General Description
The TS2418 is a monolithic integrated circuit telephone tone ringer with bridge diode, when coupled with an
appropriate transducer, it replaces the electromechanical bell. This device is designed for use with either a piezo
transducer or an inexpensive transformer coupled speaker to produce a pleasing tone composed of a high
frequency (fR) alternating with a low frequency (fL) resulting in a warble frequency. The supply voltage is obtained
from the AC ring signal and the circuit is designed so that noise on the line or variation of the ringing signal can not
affect correct operation of the device
Features
On chip high voltage full wave diode bridge rectifier.
Low current consumption, in order to allow the parallel
operation of the 4 devices.
Low external component count.
Tone and switching frequencies adjustable by external
components.
High noise immunity due to built-in voltage current
hysteresis.
Activation voltage adjustable.
Internal zener diodes to protect against over voltages.
Ringer impedance adjustable with external
components.
Ordering Information
Part No.
Package
Packing
TS2418CD C3
DIP-8
50pcs / Tube
Block Diagram
Pin Definition:
1. Ring
5. TIP
2. Ground
7. RC
3. SRC
6. AVA
4. OFC
5. Output


同様の部品番号 - TS2418CDC3

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2418CD TSC-TS2418CD Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
TS2418CD TSC-TS2418CD Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
More results

同様の説明 - TS2418CDC3

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com