データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2580 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2580
部品情報  2A / 52KHz Buck Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2580 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2580 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2580 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2580 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2580 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2580 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS2580
2A / 52KHz Buck Switching Regulator
1/5
Version: B11
SOP-8
General Description
TS2580 Series are step-down switching regulators with all required active functions. It is capable of driving 2A
load with excellent line and load regulations. These devices are available for adjustable output version. TS2580
series operates at a switching frequency of 52kHz thus allowing smaller sized filter components than what would
be needed with lower frequency switching regulators. It substantially not only reduces the area of board size but
also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within
specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within
±10%. External shutdown is included. Featuring 100µA (typical) standby current. The output switch includes cycle-
by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Features
Adjustable Output Voltage Range 1.23V~38.5V
52kHz fixed switching frequency
Voltage Mode Non-synchronous PWM control
Thermal Shutdown and Current Limit Protection
ON/OFF Shutdown Control Input
Short Circuit Protect (SCP)
Operating Voltage Can be up to 40V
Output Load Current 2A
Low Power Standby Mode
Ordering Information
Part No.
Package
Packing
TS2580CS RL
SOP-8
2.5kpcs / 13” Reel
TS2580CS RLG
SOP-8
2.5kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Application
Simple High-efficiency Step down Regulator
Charger
Positive to Negative Converter
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Maximum Supply Voltage
VCC
+45
V
Recommend Operating Supply Voltage
VOP
4.5 to 40
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to +40
V
Feedback Pin Voltage
VFB
-0.3 to +25
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
ESD Susceptibility (HBM)
2
kV
Thermal Information
Parameter
Symbol
Maximum
Unit
Thermal Resistance (Junction to Case)
ӨJC
20
oC/W
Thermal Resistance (Junction to Ambient)
ӨJA
60
oC/W
Note1: ӨJA is measured on the PCB with minimum copper area.
Note2: ӨJA is measured with the PCB copper area (need connect to GROUND pins) of approximately 0.5 in
2
Pin Definition:
1. VIN
8. GND
2. VOUT
7. GND
3. ADJ
6. GND
4. EN
5. GND


同様の部品番号 - TS2580

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS258 TSC-TS258 Datasheet
168Kb / 6P
   Dual Operating Amplifier
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
TS2581CS-RLG TSC-TS2581CS-RLG Datasheet
139Kb / 7P
   PWM Controller
TS258CD TSC-TS258CD Datasheet
168Kb / 6P
   Dual Operating Amplifier
TS258CS TSC-TS258CS Datasheet
168Kb / 6P
   Dual Operating Amplifier
More results

同様の説明 - TS2580

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
   20V, 2A Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
   2A / 150KHz Buck Switching Regulator
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com