データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3410 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS3410
部品情報  1A / 1.4MHz Synchronous Buck Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3410 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3410_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3410_10 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS3410
1A / 1.4MHz Synchronous Buck Converter
4/10
Version: C08
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS3410 adjustable output version. The external
resistor sets the output voltage according to the following formula:
Inductor Selection
For most designs, the TS3410 operates with inductors of 2.2µH to 3.3µH. Low inductance values are physically
smaller but require faster switching, which results in some efficiency loss. The inductor value can be derived from
the following formula:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 20% of the maximum load current 1A, ∆IL=200mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is
2.7µH. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50m
to 150m
range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some
transient overshoot), the resistance should be kept below 100m . The DC current rating of the inductor should be
at least equal to the maximum load current plus half the ripple current to prevent core saturation (1000mA+100mA)
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must
be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and
small temperature coefficients. A 4.7µF ceramic capacitor for most applications is sufficient.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high ripple current.
Compensation Capacitor Selection
The compensation capacitors for increasing phase margin provide additional stability. It is required and more than
15pF. Please refer to demo board schematic for design.
Table 1: Resistor Select for Output Voltage Setting
VOUT
R2
R1
1.2V
300K
300K
1.5V
300K
450K
1.8V
300K
600K
2.5V
150K
470K
3.3V
120K
540K
5V
124K
910K
Table 2: Inductor Select for Output Voltage Setting (VIN=3.6V)
VOUT
1.2V
1.5V
1.8V
2.5V
Inductor
2.7uH
2.7uH
2.7uH
2.2uH
Part Number
WE-TPC
7440430027
7440430027
7440430027
7440430022
Note: Part Type MH or M (www.we-online.com)


同様の部品番号 - TS3410_10

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3410CX5RF TSC-TS3410CX5RF Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results

同様の説明 - TS3410_10

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656_17 Datasheet
372Kb / 7P
   1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
   1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com