データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3410CX5RF データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS3410CX5RF
部品情報  1A / 1.4MHz Synchronous Buck Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3410CX5RF データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3410CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3410CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS3410
1A / 1.4MHz Synchronous Buck Converter
3/10
Version: C08
Block Diagram
FB
EN
VIN
SW
GND
Over-Temperature and
Short-Circuit Protection
REF
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
Izero
COMP
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
Function Description
Operation
TS3410 is a monolithic switching mode step-down DC-DC converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a fixed
switching frequency, and uses the slope compensated current mode architecture. This step-down DC-DC
Converter supplies minimum 1000mA output current at input voltage range from 2.5V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line transient responses and protection of the internal main switch (P-Ch MOSFET) and
synchronous rectifier (N-CH MOSFET). During normal operation, the internal P-Ch MOSFET is turned on for a
certain time to ramp the inductor current at each rising edge of the internal oscillator, and switched off when the
peak inductor current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current.
When the main switch is off, the synchronous rectifier will be turned on immediately and stay on until either the
inductor current starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the
next clock cycle..


同様の部品番号 - TS3410CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3410CX5RF TSC-TS3410CX5RF Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results

同様の説明 - TS3410CX5RF

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656_17 Datasheet
372Kb / 7P
   1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
   1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com