データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19372CX5RF データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19372CX5RF
部品情報  Buck (Step-down) WLED Driver with External Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19372CX5RF データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19372CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS19372
Buck (Step-down) WLED Driver with External Switch
5/9
Version: D09
Typical Application Circuit (AC Input)
Reference Design Information:
TS19372CX5 + TSM2318CX
VIN Range
(V)
L (uH)
LED
(Series)
LED
(W)
Current
(mA)
R1
(ohm)
R2
(ohm)
Efficiency
(%)
12
68
3pcs
1
350
0.54
1k
88
24
100
6pcs
1
350
0.54
1k
92
TS19372CX5 + TSM4436CS
VIN Range
(V)
L (uH)
1W LED
(Series)
LED
(W)
Current
(mA)
R1
(ohm)
R2
(ohm)
Efficiency
(%)
12
68
3pcs
3
700
0.32
1k
88
12
68
2pcs
5
1000
0.22
1k
88
12
68
2pcs
5
1400
0.1
1k
86
24
100
6pcs
3
700
0.16
1k
92
24
100
6pcs
5
1000
0.11
1k
92
24
100
6pcs
5
1400
0.03
1k
90
Bill of Materials:
Designation
Description
Package
Manufacture
Remark
LED Driver
TS19372CX5
SOT-25
TSC
--
D1
SK34A
SMA
TSC
3A, 40V
D2.3.4
SS23M
uSMA
TSC
2A, 30V
M1
TSM2318CX
SOT-23
TSC
N-CH 40V / 3.9A
TSM4436CS
SOP-8
TSC
N-CH 60V / 8A
Cin
10uF
805
Generic
Ceramic
C1
820pF
805
Generic
Ceramic
Input Voltage vs. Efficiency


同様の部品番号 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
More results

同様の説明 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com