データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DDR3812RUAR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3DDR3812RUAR
部品情報  12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR3812RUAR データシート(HTML) 6 Page - Texas Instruments

Back Button TS3DDR3812RUAR Datasheet HTML 2Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 3Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 4Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 5Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 6Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 7Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 8Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 9Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-12
-10
-8
-6
-4
-2
0
1.00E+05 1.00E+06 1.00E+07 1.00E+08 1.00E+09 1.00E+10
f - Frequency - Hz
-140
-120
-100
-80
-60
-40
-20
0
1.00E+05 1.00E+06 1.00E+07 1.00E+08 1.00E+09 1.00E+10
f - Frequency - Hz
V - Input Voltage - V
I
1.4
1.9
2.4
2.9
3.4
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
-140
-120
-100
-80
-60
-40
-20
0
1.00E+05 1.00E+06 1.00E+07 1.00E+08 1.00E+09 1.00E+10
f - Frequency - Hz
TS3DDR3812
SCDS314A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
OPERATING CHARACTERISTICS
Figure 1. Gain vs Frequency
Figure 2. Off Isolation vs Frequency
Figure 3. Crosstalk vs Frequency
Figure 4. RON vs VIN
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS3DDR3812


同様の部品番号 - TS3DDR3812RUAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

同様の説明 - TS3DDR3812RUAR

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com