データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-E データシート(PDF) 2 Page - Cree, Inc

部品番号 MC-E
部品情報  Cree짰 XLamp짰 MC-E LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

MC-E データシート(HTML) 2 Page - Cree, Inc

  MC-E Datasheet HTML 1Page - Cree, Inc MC-E Datasheet HTML 2Page - Cree, Inc MC-E Datasheet HTML 3Page - Cree, Inc MC-E Datasheet HTML 4Page - Cree, Inc MC-E Datasheet HTML 5Page - Cree, Inc MC-E Datasheet HTML 6Page - Cree, Inc MC-E Datasheet HTML 7Page - Cree, Inc MC-E Datasheet HTML 8Page - Cree, Inc MC-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
xlamp mC-e leds
fluX characteristics, White, dynamic White, color (t
J = 25°c)
The following tables provide several base order codes for XLamp mC-e. It is important to note that the base order codes
listed here are a subset of the total available order codes for the product family. For more order codes, as well as a
complete description of the order-code nomenclature, please consult the XLamp mC-e Binning and Labeling document.
Part
color
cct / dominant Wavelength
range
base order codes
min luminous flux (lm)
@ 350 ma*
order code
min.
max.
Group
flux (lm)
White
Cool white
5,000 K
10,000 K
K
370
mCe4wT-a2-0000-000K01
m
430
mCe4wT-a2-0000-000m01
Neutral white
3,700 K
5,000 K
J
320
MCE4WT-A2-0000-000JE4
K
370
mCe4wT-a2-0000-000Ke4
warm white
2,600 K
3,700 K
G
240
mCe4wT-a2-0000-000Ge7
H
280
mCe4wT-a2-0000-000He7
J
320
MCE4WT-A2-0000-000JE7
dynamic White
2 cool-white die
6,500 K
K
100
mCeDwT-a1-0000-0000a1001
2 warm-white die
2,700 K
G
70
2 cool-white die
6,000 K
K
100
mCeDwT-a1-0000-0000a1002
2 warm-white die
2,700 K
G
70
color
Red
620 nm
630 nm
a5
30.6
mCe4CT-a2-0000-00a5aaaa1
Green
520 nm
535 nm
67.2
Blue
450 nm
465 nm
8.2
Cool white
5,700 K
7,000 K
100
Red
620 nm
630 nm
a4
30.6
mCe4CT-a2-0000-00a4aaaB1
Green
520 nm
535 nm
67.2
Blue
450 nm
465 nm
8.2
Neutral white
3,700 K
4,300 K
80
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements and ±2 on CRI measurements.
Typical CRI for cool white and neutral white (3,700 K - 10,000 K CCT) is 75.
Typical CRI for warm white (2,600 K - 3,700 K CCT) is 80.
Flux and chromaticity are measured with each LED die connected to independent drive circuits at 350 mA. The flux
and chromaticity of XLamp MC-E White are measured with all LEDs lit simultaneously. The flux and color of each LED
in XLamp mC-e Dynamic white and mC-e Color are measured individually.


同様の部品番号 - MC-E

メーカー部品番号データシート部品情報
logo
Kemet Corporation
MC-01B KEMET-MC-01B Datasheet
72Kb / 1P
   KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Sumida Corporation
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
MC-100U SUMIDA-MC-100U Datasheet
117Kb / 1P
   General Power Transformer
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118BF1-ENY-A RENESAS-MC-10118BF1-ENY-A Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results

同様の説明 - MC-E

メーカー部品番号データシート部品情報
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com