データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR013V1 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STEVAL-TDR013V1
部品情報  Demonstration board using the PD84002 for UHF RFID reader
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 データシート(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-TDR013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical performance
STEVAL-TDR013V1
6/16
Doc ID 18013 Rev 1
Figure 6.
Input return loss vs frequency
7.2 V / 100 mA / Pin = 19 dBm
-35
-30
-25
-20
-15
-10
-5
0
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)


同様の部品番号 - STEVAL-TDR013V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

同様の説明 - STEVAL-TDR013V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
   UHF RFID reader module
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
   ST25RU3993 RAIN짰 (UHF) RFID reader IC evaluation board
Rev 4 - October 2019
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
STEVAL-IPR001V1 STMICROELECTRONICS-STEVAL-IPR001V1 Datasheet
137Kb / 5P
   RFID reader evaluation board
November 2007 Rev 1
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
   The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
STMicroelectronics
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
   Building an RFID short-range reader using the STM8S-DISCOVERY
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com