データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LZ93N61 データシート(PDF) 5 Page - Sharp Corporation

部品番号 LZ93N61
部品情報  Timing Pulse Generator LSI for CCD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ93N61 データシート(HTML) 5 Page - Sharp Corporation

  LZ93N61 Datasheet HTML 1Page - Sharp Corporation LZ93N61 Datasheet HTML 2Page - Sharp Corporation LZ93N61 Datasheet HTML 3Page - Sharp Corporation LZ93N61 Datasheet HTML 4Page - Sharp Corporation LZ93N61 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
I
PIN NAME
--------
15
SPI and SP2 phase
The
pin sets the falling edge of
sampling
control input 1
pulses
(pin 13) and SP2 (pin 14).
16
SP12
and
phase
The SP12 pin sets the rising edge of color sampling
control input 2
pulses SPI (pin 13) and SP2 (pin 14).
17
FS
o
CDS pulse 2
The FS pin outputs the pulses for sampling output
signals of
18
1
FS phase control input 1
The
pin sets the phase of the FS (pin 17).
19
FS phase control input
The
pin sets the width of the FS (pin 17).
20
FCDS
o
FCDS pulse 1
The FCDS pin outputs the pulse to clamp the out-
put signals of
21
c11
FCDS phase control
The Cl pin sets the phase of the FCDS (pin 20).
input 1
22
C12
FCDS phase control
The
pin sets the width of the FCDS (pin 20).
input 2
23
RI
FR phase control
The RI I pin sets the pahse of the FR (pin 42).
input 1
24
FR phase control
The
pin sets the width of the FR (pin 42).
input 2
25
MCKI
o
Clock output 1
The MCKI pin outputs 1/2 dividing pulse of
(pin
46). It is the same phase with the FH
(pin 45).
The MCK2 pin outputs 1/2
pulse of
(pin
26
MCK2
o
Clink output 2
46). It is delayad by approximately
in phase with
respect to FH1 (pin 45).
27
MCK3
o
output 3
MCK3 pin outputs 1/2 dividing pulse of
(pin
46). It is the same phase with the
(pin 44).
The
pin outputs 1/2 dividing pulse of
(pin
28
MCK4
o
Clock output 4
46). It is delayed by approximately
in phase
respect to FH2 (pin 44).
The SE pin outputs the demodulation carrier of out-
put signals of CCD, and input the switching signal
29
SE
o
Color demodulation
of color sampling pulses
(pin 13) and
(pin
14). It outputs 1/4 dividing pulse of the
input
(pin 46), and selects the phase in
with
the SESL (pin 32) and the SINV (pin 34).
Power supply
The Vcc is a + 5 V power supply pin.
31
GND
Ground
The GND is a ground pin.
291


同様の部品番号 - LZ93N61

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LZ93N19 SHARP-LZ93N19 Datasheet
234Kb / 5P
   Synchronous Signal Generator for CCD
More results

同様の説明 - LZ93N61

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com