データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS013B7DH01 データシート(PDF) 9 Page - Sharp Corporation

部品番号 LS013B7DH01
部品情報  Technical Literature For TFT-LCD Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH01 データシート(HTML) 9 Page - Sharp Corporation

Back Button LS013B7DH01 Datasheet HTML 5Page - Sharp Corporation LS013B7DH01 Datasheet HTML 6Page - Sharp Corporation LS013B7DH01 Datasheet HTML 7Page - Sharp Corporation LS013B7DH01 Datasheet HTML 8Page - Sharp Corporation LS013B7DH01 Datasheet HTML 9Page - Sharp Corporation LS013B7DH01 Datasheet HTML 10Page - Sharp Corporation LS013B7DH01 Datasheet HTML 11Page - Sharp Corporation LS013B7DH01 Datasheet HTML 12Page - Sharp Corporation LS013B7DH01 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SPEC No.
LCP-2110019B
MODEL No.
LS013B7DH01
PAGE
7
1. Outline
This TFT-LCD module is a reflective active-matrix with slightly transmissive memory liquid crystal display module with
CG silicone thin film transistor. Module outline is indicated in fig 8-1.
2. Characteristics
Transflective panel of white and black
1.26” screen has 144x 168 resolusion. (24192 pixels stripe array)
Display control by serial data signal communication.
Arbitrary line data renewable.
1bit internal memory for data storage within the panel.
Thin, light-weight and compact module with monolithic technology.
Super low power consumption TFT panel.
Zebra connecter
3. Mechanical Specification
Table 3-1
Item
Specification
unit
Screen size
3.2 (1.26”)
cm
Viewing Area
20.88 (H) × 24.36 (V)
mm
Dot configuration
144 (H) ×
168 (V)
Dot
Dot pitch
0.145 (H) × 0.145 (V)
mm
Pixel Array
Stripe Array
-
Outline Dimension
24.88 (W) × 33.00 (H) × 1.64 (D)
mm
Mass
3.0
g
Surface Hardness
3H
Pencil hardness
(Note) Detail dimension and tolerance are shown in fig. 8-1


同様の部品番号 - LS013B7DH01

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LS013B7DH03 SHARP-LS013B7DH03 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
Azumo, Inc.
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
   1.28” Reflective B&W LCD 2.0TM
05/26/2023
logo
Sharp Corporation
LS013B7DH05 SHARP-LS013B7DH05 Datasheet
580Kb / 29P
   LCD module
LS013B7DH05 SHARP-LS013B7DH05 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
Azumo, Inc.
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
   1.26” Reflective B&W LCD 2.0TM
05/24/2023
More results

同様の説明 - LS013B7DH01

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LS027B4DH01 SHARP-LS027B4DH01 Datasheet
1Mb / 29P
   Technical Literature For TFT-LCD Module
LS013B4DN02 SHARP-LS013B4DN02 Datasheet
666Kb / 29P
   TECHNICAL LITERATURE For TFT-LCD Module
GH04P21A2GE SHARP-GH04P21A2GE Datasheet
41Kb / 4P
   TECHNICAL LITERATURE FOR LASER DIODE
GM5WT95200A SHARP-GM5WT95200A Datasheet
688Kb / 14P
   TECHNICAL LITERATURE FOR Light Emitting Diode
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com