データシートサーチシステム |
|
AM1PS-1212SZ データシート(PDF) 2 Page - AIMTEC |
|
AM1PS-1212SZ データシート(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM1PS-Z 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.B 2 of 3 North America only Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 VDC 12 10.8-13.2 24 21.6-26.4 Filter Capacitor Turn on Transient process time 25 ms Start up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 24 Vin 0-28 Peak Input Voltage time 100 ms Input Reflected Ripple current With 12µH 20 mA p-p Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000 all models, 3000 (single output) VDC Resistance > 1000 MOhm Capacitance 10 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±3 % Short Circuit protection Continuous Short circuit restart Auto-Recovery Line voltage regulation For 1% change of Vin ±1.2 % Load voltage regulation Load 20 – 100% ±10 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 100 mV p-p Rising time 50 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 80 KHz Operating temperature Full Load without Derating -40 to+85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 95 % Case material Non-conductive black plastic Weight 1.8 g Dimensions (L x W x H) 0.50 x 0.40 x 0.27 inches 12.70 x 10.16 x 6.85 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Safety Specifications Parameters Standards NOTE: Designed to meet IEC 60950-1 |
同様の部品番号 - AM1PS-1212SZ |
|
同様の説明 - AM1PS-1212SZ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |