データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23348TFVZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL23348TFVZ
部品情報  Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23348TFVZ データシート(HTML) 3 Page - Intersil Corporation

  ISL23348TFVZ Datasheet HTML 1Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 2Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 3Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 4Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 5Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 6Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 7Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 8Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL23348
3
FN7903.1
August 24, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
RESISTANCE
OPTION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23348TFVZ
23348 TFVZ
100
-40 to +125
20 Ld TSSOP
M20.173
ISL23348UFVZ
23348 UFVZ
50
-40 to +125
20 Ld TSSOP
M20.173
ISL23348WFVZ
23348 WFVZ
10
-40 to +125
20 Ld TSSOP
M20.173
ISL23348TFRZ
348T
100
-40 to +125
20 Ld 3x4 QFN
L20.3x4
ISL23348UFRZ
348U
50
-40 to +125
20 Ld 3x4 QFN
L20.3x4
ISL23348WFRZ
348W
10
-40 to +125
20 Ld 3x4 QFN
L20.3x4
NOTES:
1. Add “-TK” suffix for 1k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL23348. For more information on MSL please see techbrief TB363.


同様の部品番号 - ISL23348TFVZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23348TFVZ RENESAS-ISL23348TFVZ Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results

同様の説明 - ISL23348TFVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com