データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23448 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL23448
部品情報  Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23448 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL23448 Datasheet HTML 6Page - Intersil Corporation ISL23448 Datasheet HTML 7Page - Intersil Corporation ISL23448 Datasheet HTML 8Page - Intersil Corporation ISL23448 Datasheet HTML 9Page - Intersil Corporation ISL23448 Datasheet HTML 10Page - Intersil Corporation ISL23448 Datasheet HTML 11Page - Intersil Corporation ISL23448 Datasheet HTML 12Page - Intersil Corporation ISL23448 Datasheet HTML 13Page - Intersil Corporation ISL23448 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ISL23448
10
FN7905.0
August 19, 2011
Typical Performance Curves
FIGURE 3. 10kΩ DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 4. 50kΩ DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 5. 10kΩ INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 6. 50kΩ INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 7. 10kΩ RDNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 8. 50kΩ RDNL vs TAP POSITION, VCC = 3.3V, +25°C
-0.12
-0.06
0.00
0.06
0.12
0
32
64
96
128
TAP POSITION (DECIMAL)
-0.04
-0.02
0.00
0.02
0.04
0
326496
128
TAP POSITION (DECIMAL)
-0.16
-0.08
0.00
0.08
0.16
0
326496
128
TAP POSITION (DECIMAL)
0.00
0.04
0.08
0.12
0.16
0
326496
128
TAP POSITION (DECIMAL)
-0.12
-0.06
0.00
0.06
0.12
0
32
64
96
128
TAP POSITION (DECIMAL)
-0.04
-0.02
0.00
0.02
0.04
032
64
96
128
TAP POSITION (DECIMAL)


同様の部品番号 - ISL23448

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23448 INTERSIL-ISL23448 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL23448 INTERSIL-ISL23448 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23448TFRZ RENESAS-ISL23448TFRZ Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23448TFVZ RENESAS-ISL23448TFVZ Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
More results

同様の説明 - ISL23448

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com